Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10830 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S10830
Description  CMOS area image sensors for X-ray imaging
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10830 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S10830_15 Datasheet HTML 1Page - Hamamatsu Corporation S10830_15 Datasheet HTML 2Page - Hamamatsu Corporation S10830_15 Datasheet HTML 3Page - Hamamatsu Corporation S10830_15 Datasheet HTML 4Page - Hamamatsu Corporation S10830_15 Datasheet HTML 5Page - Hamamatsu Corporation S10830_15 Datasheet HTML 6Page - Hamamatsu Corporation S10830_15 Datasheet HTML 7Page - Hamamatsu Corporation S10830_15 Datasheet HTML 8Page - Hamamatsu Corporation S10830_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CMOS area image sensors
S10830, S10834
5
KMPDC0358EA
KMPDC0359EA
KMPDC0360EB
(A) Trigger photodiode data readout
(B) Image data integration start
(C) Image data readout start
20 MHz
MCLK
MST
Outclk
Outdata
(Vsync)
(Hsync)
Pixel
Trigger photodiode
Trigger photodiode
readout
→0.357 MHz
1
21
129
→0.357 MHz
Integration
Reset
Readout
Reset
Integration
Reset
Readout
0
1
2
3
4
5
6
7
8
9
20 MHz
114
MCLK
MST
Outdata
Outclk
(Vsync)
(Hsync)
Pixel
Trigger photodiode
Trigger photodiode
readout
Reset
Integration
Reset or integration
→0.357 MHz
→0.357 MHz
20 MHz
1
4
10
408
1362
1390
MCLK
MST
Outdata
Outclk
(Vsync)
(Hsync)
Pixel
Trigger photodiode
Pixel readout
Trigger photodiode
readout
Note: All on-chip timing circuits are reset at rise of MST, and the operations of trigger photodiode readout are stopped at this time.
Integration
Reset
Reset or integration
Hold on
all pixels
Transfer of
the 1st row
Reset
Readout
1st row
1st pixel
→20 MHz
→20 MHz
→0.357 MHz
→0.357 MHz
6
7
8
9
10
11
12
13


Similar Part No. - S10830_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
More results

Similar Description - S10830_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com