Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10830 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S10830
Description  CMOS area image sensors for X-ray imaging
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10830 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S10830_15 Datasheet HTML 1Page - Hamamatsu Corporation S10830_15 Datasheet HTML 2Page - Hamamatsu Corporation S10830_15 Datasheet HTML 3Page - Hamamatsu Corporation S10830_15 Datasheet HTML 4Page - Hamamatsu Corporation S10830_15 Datasheet HTML 5Page - Hamamatsu Corporation S10830_15 Datasheet HTML 6Page - Hamamatsu Corporation S10830_15 Datasheet HTML 7Page - Hamamatsu Corporation S10830_15 Datasheet HTML 8Page - Hamamatsu Corporation S10830_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CMOS area image sensors
S10830, S10834
2
Recommended operating conditions
Electrical characteristics (Ta=25 °C, Vdd=5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply
Vdd
4.75
5.0
5.5
V
Digital input voltage*1
High
Vsigi(H)
2.4
3.3
Vdd + 0.25
V
Low
Vsigi(L)
0
-
0.4
*1: Vsigi(H) is a “High” period voltage of MST and MCLK, Vsigi(L) is a “Low” period voltage of MST and MCLK.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Master clock pulse frequency
f(MCLK)
1 M
20 M
40 M
Hz
Digital output format
-
LVDS differential output
-
Digital output
frequency
Image sensor*2
f(DO)
-
f(MCLK)
-
Hz
Trigger photodiode*3
-
f(MCLK)/56
-
Digital output voltage*4
V(DOmag)
-
350
-
mV
Digital output rise time*4 *5
tr(DO)
-
2
5
ns
Digital output fall time*4 *5
tf(DO)
-
2
5
ns
Video data rate
Image sensor*6
VR
-
f(MCLK)/14
-
Hz
Trigger photodiode
VR2
-
f(MCLK)/7168
-
Hz
Start pulse interval*7
T(ST-I)
22.7 M
-
-
MCLK
Integration time
Image sensor*8
-
PW(MST) + 394/f(MCLK)
s
Trigger photodiode*9
6608/f(MCLK)
s
Consumption current
Image sensor*10
P1
-
55
110
mA
Trigger photodiode*11
P2
-
25
50
mA
*2: Refer to “Timing chart”, Image data readout.
*3: Refer to “Timing chart”, Trigger photodiode data readout.
*4: The output voltage difference between LVDS differential terminals with 100 Ω termination
*5: The time in output from 10% to 90% or from 90% to 10% with 2 m long cable
*6: It takes 14 master clock pulse cycles to read out 1 pixel
*7: It takes 22.7 M master clock pulse cycles to read out 1 frame of an image. The readout of the next frame must be started after
finishing the readout of previous frame.
*8: Refer to “Timing chart”, PW(MST) is “Low” pulse width of MST (master start pulse).
e.g.) When the PW(MST) is 10 ms and f(MCLK) is 20 MHz:
Integration time = 10 ms + 394/20 M = 10.0197 ms
*9: Refer to “Timing chart”, The trigger photodiode is output every 7168 MCLK cycles. The integration time is 6608 MCLK cycles, and
560 MCLK cycles are used for the reset period of trigger photodiode.
e.g.) When the f(MCLK) is 20 MHz:
Integration time = 6608/20 M = 330.4 μs
*10: The consumption current of image sensor chip only. f(MCLK)=20 MHz
*11: The consumption current of image sensor chip only. Without 100 Ω termination (see “Output format” in P.7). f(MCLK)=20 MHz
1.0
0.8
0.9
(X-ray source: 60 kVp, filter: ABS 1.5 mm
t)
0.5
0.4
0.7
0.6
0.3
0.2
0.1
0.0
04
6
2
8
12
14
10
Spatial frequency (line pairs/mm)
16
18
20
6000
(X-ray source: 60 kVp, filter: ABS 1.5 mm
t)
4000
2000
0
0
100
200
Absorbed dose (µGy)
300
400
1500
1000
500
0
Resolution (S10834)
Response (S10834)
KMPDB0358EA
KMPDB0359EA


Similar Part No. - S10830_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
More results

Similar Description - S10830_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com