Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F800B3VG-9T Datasheet(PDF) 8 Page - Micron Technology

Part # MT28F800B3VG-9T
Description  FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F800B3VG-9T Datasheet(HTML) 8 Page - Micron Technology

Back Button MT28F800B3VG-9T Datasheet HTML 4Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 5Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 6Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 7Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 8Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 9Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 10Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 11Page - Micron Technology MT28F800B3VG-9T Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
8Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
Q10_3.p65 – Rev. 3, Pub. 10/01
©2001, Micron Technology, Inc.
8Mb
SMART 3 BOOT BLOCK FLASH MEMORY
Figure 1
Memory Address Maps
Top Boot
MT28F008B3/800B3xx-xxT
Bottom Boot
MT28F008B3/800B3xx-xxB
while the ISM is active. However, there are restrictions
on what commands are allowed in this condition. See
the Command Execution section for more detail.
DEEP POWER-DOWN MODE
To allow for maximum power conservation, the
MT28F800B3 and MT28F008B3 feature a very low cur-
rent, deep power-down mode. To enter this mode, the
RP# pin is taken to VSS ±0.2V. In this mode, the current
draw is a maximum of 8µA at 3.3V VCC. Entering deep
power-down also clears the status register and sets the
ISM to the read array mode.
MEMORY ARCHITECTURE
The MT28F800B3 and MT28F008B3 memory array
architecture is designed to allow sections to be erased
without disturbing the rest of the array. The array is
divided into eleven addressable blocks that vary in size
and are independently erasable. When blocks rather than
the entire array are erased, total device endurance is
enhanced, as is system flexibility. Only the ERASE func-
tion is block-oriented. All READ and WRITE operations
are done on a random-access basis.
The boot block is protected from unintentional ERASE
or WRITE with a hardware protection circuit which re-
quires that a super-voltage be applied to RP# or that the
WP# pin be driven HIGH before erasure is commenced.
The boot block is intended for the core firmware required
for basic system functionality. The remaining ten blocks
do not require that either of these two conditions be met
before WRITE or ERASE operations.
BOOT BLOCK
The hardware-protected boot block provides extra
security for the most sensitive portions of the firmware.
This 16KB block may only be erased or written when the
RP# pin is at the specified boot block unlock voltage (VHH)
of 12V or when the WP# pin is HIGH. During a WRITE or
ERASE of the boot block, the RP# pin must be held at VHH
or the WP# pin held HIGH until the WRITE or ERASE is
completed. (The WP# pin does not apply to the SOP
package.) The VPP pin must be at VPPH (3.3V or 5V) when
the boot block is written to or erased.
FFFFFh
FC000h
FBFFFh
FA000h
F9FFFh
F8000h
F7FFFh
E0000h
DFFFFh
C0000h
BFFFFh
A0000h
9FFFFh
80000h
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
00000h
16KB Boot Block
8KB Parameter Block
8KB Parameter Block
96KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
BYTE ADDRESS
7FFFFh
7E000h
7DFFFh
7D000h
7CFFFh
7C000h
7BFFFh
70000h
6FFFFh
60000h
5FFFFh
50000h
4FFFFh
40000h
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
00000h
WORD ADDRESS
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
128KB Main Block
96KB Main Block
8KB Parameter Block
8KB Parameter Block
16KB Boot Block
BYTE ADDRESS
FFFFFh
E0000h
DFFFFh
C0000h
BFFFFh
A0000h
9FFFFh
80000h
7FFFFh
60000h
5FFFFh
40000h
3FFFFh
20000h
1FFFFh
08000h
07FFFh
06000h
05FFFh
04000h
03FFFh
00000h
7FFFFh
70000h
6FFFFh
60000h
5FFFFh
50000h
4FFFFh
40000h
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
00000h
WORD ADDRESS


Similar Part No. - MT28F800B3VG-9T

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F800B5 MICRON-MT28F800B5 Datasheet
1Mb / 30P
   FLASH MEMORY
More results

Similar Description - MT28F800B3VG-9T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com