Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48560A Datasheet(PDF) 2 Page - Texas Instruments

Part # PTB48560A
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560A Datasheet(HTML) 2 Page - Texas Instruments

  PTB48560A_15 Datasheet HTML 1Page - Texas Instruments PTB48560A_15 Datasheet HTML 2Page - Texas Instruments PTB48560A_15 Datasheet HTML 3Page - Texas Instruments PTB48560A_15 Datasheet HTML 4Page - Texas Instruments PTB48560A_15 Datasheet HTML 5Page - Texas Instruments PTB48560A_15 Datasheet HTML 6Page - Texas Instruments PTB48560A_15 Datasheet HTML 7Page - Texas Instruments PTB48560A_15 Datasheet HTML 8Page - Texas Instruments PTB48560A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
1
3
4
5
9
11
10
8
7
6
2
Simultaneous Power-Up
V Seq
O
#
Auto-Track
POL Module
Track
GND Adjust
VO
Auto-Track
POL Module
Track
GND Adjust
V Seq (3.3 V)
O
#
V1
POL
V1
POL
V2
POL
V2
POL
CO
CO
CO
RSET
RSET
RSET
(Required)
To Other
POL Modules
PTB48560x
NEN
Track
PEN
+VI
+VI
VI
VI
-VI
-VI
- Sense
#
V COM
O
V Adjust
O
V Seq
O
V Bus
O
+Sense
*
See Note (*)
* The +Sense can be connected to either the V Seq or V Bus output of the PTB48560B.
OO
# Sequenced output is only available with the PTB48560B.
CI
CI
VO
The PTB48560x modules require a minimum total output capacitance for proper operation;
see the
for the value required by each model.
Electrical Characterisitics
R
is required to set the output voltage higher than the minimum value; see the
for values.
SET
Application Information
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
Typical Circuit
2


Similar Part No. - PTB48560A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560AAH TI-PTB48560AAH Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB48560AAS TI-PTB48560AAS Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB48560AAZ TI-PTB48560AAZ Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
More results

Similar Description - PTB48560A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com