Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F004B3VG-8B Datasheet(PDF) 1 Page - Micron Technology

Part # MT28F004B3VG-8B
Description  FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F004B3VG-8B Datasheet(HTML) 1 Page - Micron Technology

  MT28F004B3VG-8B Datasheet HTML 1Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 2Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 3Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 4Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 5Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 6Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 7Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 8Page - Micron Technology MT28F004B3VG-8B Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
4Mb Smart 3 Boot Block Flash Memory
F45_3.p65 – Rev. 3, Pub. 12/01
©2001, Micron Technology, Inc.
4Mb
SMART 3 BOOT BLOCK FLASH MEMORY
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE SUBJECT TO CHANGE BY MICRON WITHOUT NOTICE.
GENERAL DESCRIPTION
The MT28F004B3 (x8) and MT28F400B3 (x16/x8)
are nonvolatile, electrically block-erasable (flash), pro-
grammable memory devices containing 4,194,304 bits
organized as 262,144 words (16 bits) or 524,288 bytes (8
bits). Writing or erasing the device is done with either a
3.3V or 5V VPP voltage, while all operations are performed
with a 3.3V VCC. Due to process technology advances,
5V VPP is optimal for application and production pro-
gramming. These devices are fabricated with Micron’s
advanced 0.18µm CMOS floating-gate process.
The MT28F004B3 and MT28F400B3 are organized
into seven separately erasable blocks. To ensure that
critical firmware is protected from accidental erasure or
overwrite, the devices feature a hardware-protected
boot block. Writing or erasing the boot block requires
either applying a super-voltage to the RP# pin or driv-
ing WP# HIGH in addition to executing the normal write
or erase sequences. This block may be used to store
code implemented in low-level system recovery. The
remaining blocks vary in density and are written and
erased with no additional security measures.
Refer to Micron’s Web site (www.micron.com/flash)
for the latest data sheet.
FLASH MEMORY
MT28F004B3
MT28F400B3
3V Only, Dual Supply (Smart 3)
FEATURES
• Seven erase blocks:
16KB/8K-word boot block (protected)
Two 8KB/4K-word parameter blocks
Four main memory blocks
• Smart 3 technology (B3):
3.3V ±0.3V VCC
3.3V ±0.3V VPP application programming
5V ±10% VPP application/production programming1
• Compatible with 0.3µm Smart 3 device
• Advanced 0.18µm CMOS floating-gate process
• Address access time: 80ns
• 100,000 ERASE cycles
• Industry-standard pinouts
• Inputs and outputs are fully TTL-compatible
• Automated write and erase algorithm
• Two-cycle WRITE/ERASE sequence
• Byte- or word-wide READ and WRITE
(MT28F400B3, 256K x 16/512K x 8)
• Byte-wide READ and WRITE only
(MT28F004B3, 512K x 8)
• TSOP and SOP packaging options
OPTIONS
MARKING
• Timing
80ns access
-8
• Configurations
512K x 8
MT28F004B3
256K x 16/512K x 8
MT28F400B3
• Boot Block Starting Word Address
Top (3FFFFh)
T
Bottom (00000h)
B
• Operating Temperature Range
Commercial (0ºC to +70ºC)
None
Extended (-40ºC to +85ºC)
ET
• Packages
44-pin SOP (MT28F400B3)
SG
48-pin TSOP Type I (MT28F400B3)
WG
40-pin TSOP Type I (MT28F004B3)
VG
NOTE:
1. This generation of devices does not support 12V VPP
compatibility production programming; however, 5V VPP
application production programming can be used with no
loss of performance.
Part Number Example:
MT28F400B3SG-8 T
40-Pin TSOP Type I 48-Pin TSOP Type I
44-Pin SOP


Similar Part No. - MT28F004B3VG-8B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
618Kb / 32P
   FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F004B5-1 MICRON-MT28F004B5-1 Datasheet
618Kb / 32P
   FLASH MEMORY
More results

Similar Description - MT28F004B3VG-8B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com