Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G10768 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # G10768
Description  Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10768 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  G10768_15 Datasheet HTML 1Page - Hamamatsu Corporation G10768_15 Datasheet HTML 2Page - Hamamatsu Corporation G10768_15 Datasheet HTML 3Page - Hamamatsu Corporation G10768_15 Datasheet HTML 4Page - Hamamatsu Corporation G10768_15 Datasheet HTML 5Page - Hamamatsu Corporation G10768_15 Datasheet HTML 6Page - Hamamatsu Corporation G10768_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
InGaAs linear image sensors
G10768 series
tpw (RES): Integration time (Min.) > 134 clocks
Low period > 5 µs
Integration time (Actual)
128 ch (clocks)
CLK
RESET
AD_ST
Vout-
Vout+
tr (clk)
tf (clk)
tr (RES)
tf (RES)
Timing chart
KMIRC0032EC
Spectral response (photo sensitivity)
Spectral response (quantum efficiency)
KMIRB0042EB
KMIRB0043EB
Wavelength (µm)
0
0.2
0.4
0.6
0.8
1.0
0.9
1.1
1.3
1.6
1.5
1.7
1.0
1.2
1.4
1.8
1.2
(Typ.)
25 °C
0 °C
50 °C
Wavelength (µm)
0
20
10
40
30
70
60
50
80
90
0.9
1.1
1.3
1.6
1.5
1.7
1.0
1.2
1.4
1.8
100
(Typ.)
25 °C
0 °C
50 °C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock pulse width
tpw
φ
80
100
-
ns
Clock pulse rise/fall times
tr(clk), tf(clk)
0
20
30
ns
Reset pulse width
High
tpw(RES)
134
-
-
clocks
Low
8 *2
--
Reset pulse rise/fall times
tr(RES), tr(RES)
0
20
30
ns
*2: 5 μs Min.


Similar Part No. - G10768_15

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G107B IDEA-G107B Datasheet
23Kb / 1P
   Rectangular LED Indicator, Right-angle, PCB Mount
logo
MicroPower Direct, LLC
G107E MPD-G107E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
G107E MPD-G107E Datasheet
249Kb / 2P
   G100E Series
G107EI MPD-G107EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G107EI MPD-G107EI Datasheet
181Kb / 2P
   G100EI SERIES
More results

Similar Description - G10768_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9204-256D HAMAMATSU-G9204-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
G11135-256DD HAMAMATSU-G11135-256DD_15 Datasheet
290Kb / 10P
   Single video line (256/512 pixels) near infrared image sensor (0.95 to 1.7 m)
G11620 HAMAMATSU-G11620_15 Datasheet
288Kb / 11P
   Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)
G9211 HAMAMATSU-G9211_15 Datasheet
389Kb / 11P
   Near infrared image sensors (0.9 to 1.67 m / 2.55 m)
G12242-0707W HAMAMATSU-G12242-0707W_15 Datasheet
274Kb / 10P
   Near infrared area image sensor with 128 x128 pixels
G9211 HAMAMATSU-G9211_08 Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com