Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9494-256D Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # G9494-256D
Description  Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9494-256D Datasheet(HTML) 5 Page - Hamamatsu Corporation

  G9494-256D_15 Datasheet HTML 1Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 2Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 3Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 4Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 5Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 6Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 7Page - Hamamatsu Corporation G9494-256D_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
InGaAs linear image sensors
G9494-256D/-512D
tr(clk)
tf(clk)
CLK
Reset
AD_tirg
Video
tr(RES)
tf(RES)
Integration time
(accuracy)
Integration
time
Blank period
t1
t2
252 ch 254 ch
253 ch 255 ch
256 ch
1 ch2 ch3 ch4 ch5 ch
Timing chart
KMIRC0025EB
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock pulse frequency
-
0.1
2
4
MHz
Clock pulse width
tpw(clk)
100
-
-
ns
Clock pulse rise/fall times
tr(clk), tf(clk)
0
20
100
ns
Reset pulse width*4
tpw(RES)
6/f
-
-
μs
Reset pulse rise/fall times
tr(RES), tf(RES)
0
20
100
ns
Clock pulse to start pulse timing
t1, t2
50
-
-
ns
Video delay time
tvd
100
-
-
ns
*4: 6 μs or more
Note: More than 3 μs is required for a blank period from the last pixel to the rising edge of RESET pulse.
KMIRB0083EA
0.8
1.0
1.8
1.6
1.4
1.2
2.0
70
80
75
85
95
90
100
Wavelength (μm)
(Ta=25 °C)
KMIRB0019EB
Spectral response
0.5
1.0
1.5
2.0
0
0.4
0.2
1.0
0.8
0.6
Wavelength (μm)
(Typ. Ta=25 °C)
Spectral transmittance characteristics of window material
(typical example)


Similar Part No. - G9494-256D_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
More results

Similar Description - G9494-256D_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9204-256D HAMAMATSU-G9204-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
G9211 HAMAMATSU-G9211_15 Datasheet
389Kb / 11P
   Near infrared image sensors (0.9 to 1.67 m / 2.55 m)
G9211 HAMAMATSU-G9211_08 Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
G11135-256DD HAMAMATSU-G11135-256DD_15 Datasheet
290Kb / 10P
   Single video line (256/512 pixels) near infrared image sensor (0.95 to 1.7 m)
G11620 HAMAMATSU-G11620_15 Datasheet
288Kb / 11P
   Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)
G12242-0707W HAMAMATSU-G12242-0707W_15 Datasheet
274Kb / 10P
   Near infrared area image sensor with 128 x128 pixels
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com