Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F008B3WG-9B Datasheet(PDF) 5 Page - Micron Technology

Part # MT28F008B3WG-9B
Description  FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F008B3WG-9B Datasheet(HTML) 5 Page - Micron Technology

  MT28F008B3WG-9B Datasheet HTML 1Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 2Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 3Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 4Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 5Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 6Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 7Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 8Page - Micron Technology MT28F008B3WG-9B Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
8Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
Q10_3.p65 – Rev. 3, Pub. 10/01
©2001, Micron Technology, Inc.
8Mb
SMART 3 BOOT BLOCK FLASH MEMORY
NOTE: 1. L = VIL (LOW), H = VIH (HIGH), X = VIL or VIH (“Don’t Care”).
2. VPPH = VPPH1 = 3.3V or VPPH2 = 5V.
3. Operation must be preceded by ERASE SETUP command.
4. Operation must be preceded by WRITE SETUP command.
5. The READ ARRAY command must be issued before reading the array after writing or erasing.
6. When WP# = VIH, RP# may be at VIH or VHH.
7. VHH = 12V.
8. VID = 12V; may also be read by issuing the IDENTIFY DEVICE command.
9. A1–A8, A10–A18 = VIL.
10. Value reflects DQ8–DQ15.
TRUTH TABLE (MT28F800B3)1
FUNCTION
RP#
CE#
OE#
WE# WP# BYTE# A0
A9
VPP
DQ0–DQ7 DQ8–DQ14 DQ15/A - 1
Standby
H
H
X
X
X
X
X
X
X
High-Z
High-Z
High-Z
RESET
L
X
X
X
X
X
X
X
X
High-Z
High-Z
High-Z
READ
READ (word mode)
H
L
L
H
X
H
X
X
X
Data-Out Data-Out Data-Out
READ (byte mode)
H
L
L
H
X
L
X
X
X
Data-Out High-Z
A-1
Output Disable
H
L
H
H
X
X
X
X
X
High-Z
High-Z
High-Z
WRITE/ERASE (EXCEPT BOOT BLOCK)2
ERASE SETUP
H
L
H
L
X
X
X
X
X
20h
X
X
ERASE CONFIRM3
HL
HL
X
X
X
X
VPPH
D0h
X
X
WRITE SETUP
H
L
H
L
X
X
X
X
X
10h/40h
X
X
WRITE (word mode)4
HL
HL
X
H
X
X
VPPH
Data-In
Data-In
Data-In
WRITE (byte mode)4
HL
HL
X
L
X
X
VPPH
Data-In
X
A-1
READ ARRAY5
HL
HL
X
X
X
X
X
FFh
X
X
WRITE/ERASE (BOOT BLOCK)2, 7
ERASE SETUP
H
L
H
L
X
X
X
X
X
20h
X
X
ERASE CONFIRM3
VHH
LH
L
X
X
X
X
VPPH
D0h
X
X
ERASE CONFIRM3, 6
HL
HL
H
X
X
X
VPPH
D0h
X
X
WRITE SETUP
H
L
H
L
X
X
X
X
X
10h/40h
X
X
WRITE (word mode)4
VHH
LH
L
X
H
X
X
VPPH
Data-In
Data-In
Data-In
WRITE (word mode)4, 6
HL
HL
H
H
X
X
VPPH
Data-In
Data-In
Data-In
WRITE (byte mode)4
VHH
LH
L
X
L
X
X
VPPH
Data-In
X
A-1
WRITE (byte mode)4, 6
HL
HL
H
L
X
X
VPPH
Data-In
X
A-1
READ ARRAY5
HL
HL
X
X
X
X
X
FFh
X
X
DEVICE IDENTIFICATION8, 9
Manufacturer Compatibility
H
L
L
H
X
H
L
VID
X
89h
00h
(word mode)10
Manufacturer Compatibility
H
L
L
H
X
L
L
VID
X
89h
High-Z
X
(byte mode)
Device (word mode, top boot)10
HL
L
H
X
H
H
VID
X
9Ch
88h
Device (byte mode, top boot)
H
L
L
H
X
L
H
VID
X
9Ch
High-Z
X
Device (word mode, bottom boot)10
HL
L
H
X
H
H
VID
X
9Dh
88h
Device (byte mode, bottom boot)
H
L
L
H
X
L
H
VID
X
9Dh
High-Z
X


Similar Part No. - MT28F008B3WG-9B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F008B5 MICRON-MT28F008B5 Datasheet
1Mb / 30P
   FLASH MEMORY
More results

Similar Description - MT28F008B3WG-9B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com