Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9201 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G9201
Description  Image sensor for DWDM wavelength monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9201 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G9201_15 Datasheet HTML 1Page - Hamamatsu Corporation G9201_15 Datasheet HTML 2Page - Hamamatsu Corporation G9201_15 Datasheet HTML 3Page - Hamamatsu Corporation G9201_15 Datasheet HTML 4Page - Hamamatsu Corporation G9201_15 Datasheet HTML 5Page - Hamamatsu Corporation G9201_15 Datasheet HTML 6Page - Hamamatsu Corporation G9201_15 Datasheet HTML 7Page - Hamamatsu Corporation G9201_15 Datasheet HTML 8Page - Hamamatsu Corporation G9201_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Image sensor for DWDM wavelength monitor
G9201 to G9204 series
InGaAs linear image sensors
www.hamamatsu.com
1
The G9201 to G9204 series are InGaAs linear image sensors designed for WDM monitor detectors in optical communications.
These linear image sensors contain a CMOS charge amplifier array, a CDS circuit, an offset compensation circuit, a shift register
and a timing generator, along with an InGaAs photodiode array, and deliver high sensitivity and stable operation in the near in-
frared range. The package is hermetically sealed for high reliability and the light input window has an anti-reflective coating to
improve the light detection efficiency.
The signal processing circuit on the CMOS chip allows selecting two conversion efficiencies (CE) by external voltage. A wide dy-
namic range can be obtained when the image sensor is operated at CE=16 nV/e-, while a high gain can be obtained at CE=320
nV/e-.
Applications
Options
DWDM wavelength monitor
InGaAs multichannel detector head C8061-01*3
Optical spectrum analyzer
Multichannel detector head controller C7557-01*3
Features
Wide dynamic range
CDS circuit*1
Low noise and low dark current
Offset compensation circuit
Two selectable conversion efficiencies
Simple operation (by built-in timing generator *2)
Anti-saturation circuit
High resolution: 25 μm pitch (512 ch)
Low crosstalk
256 ch: 1 video line
512 ch: 2 video lines
Selection guide
Type no.
Cooling
Image size Number of
total pixels
Number of
effective pixels
Spectral response range
Defective
pixels
Appilcable
multichannel
detector head
(mm)
(μm)
G9201-256S
One-stage TE-cooled
12.8 × 0.25
256
256
0.9 to 1.67 (-10 °C)
0
C8061-01
G9202-512S
One-stage TE-cooled
512
512
0.9 to 1.67 (-10 °C)
C8061-01
G9203-256D*4
Non-cooled
12.8 × 0.50
256
256
0.9 to 1.7 (25 °C)
-
G9203-256S
One-stage TE-cooled
256
256
0.9 to 1.67 (-10 °C)
C8061-01
G9204-512D*4
Non-cooled
512
512
0.9 to 1.7 (25 °C)
-
G9204-512S
One-stage TE-cooled
512
512
0.9 to 1.67 (-10 °C)
C8061-01
*1: A major source of noise in charge amplifiers is the reset noise generated when the integration capacitance is reset. A CDS circuit
greatly reduces this reset noise by holding the signal immediately after reset to find the noise differential.
*2: In conventional image sensor operation, external PLD (programmable logic device), etc. is used to input the required timing signals.
However, the G9201 to G9204 series image sensors internally generate all timing signals on the CMOS chip just by supplying CLK
and RESET pulses. This makes it simple to set the timings.
*3: The G9203-256D and G9204-512D are not available for the C7557-01.


Similar Part No. - G9201_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201-256R HAMAMATSU-G9201-256R Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9201-256S HAMAMATSU-G9201-256S Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9201-256S HAMAMATSU-G9201-256S Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
More results

Similar Description - G9201_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
WSH-600DX10SA JDSU-WSH-600DX10SA Datasheet
159Kb / 3P
   Wavelength Tunable DWDM 10 Gb/s Optical Regenerator
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
logo
List of Unclassifed Man...
KAI-1010 ETC2-KAI-1010 Datasheet
1,018Kb / 37P
   Image Sensor
logo
Hamamatsu Corporation
C13015 HAMAMATSU-C13015_15 Datasheet
817Kb / 6P
   For CMOS linear image sensor S11639
C11860 HAMAMATSU-C11860_15 Datasheet
750Kb / 6P
   For CCD image sensor S11850-1106
logo
Rohm
IA2008-MB82A ROHM-IA2008-MB82A Datasheet
56Kb / 4P
   Monochrome image sensor heads for FAX
logo
Hamamatsu Corporation
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com