Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8061-01 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # C8061-01
Description  Designed for InGaAs linear image sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061-01 Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button C8061-01_15 Datasheet HTML 4Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 5Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 6Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 7Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 8Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 9Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 10Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 11Page - Hamamatsu Corporation C8061-01_15 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
InGaAs multichannel detector head
C8061-01, C8062-01
10
KACCC0197EB
Connection example
Power supply VF (+12 V)
F.GND
VP *
P.GND
VD2 *
D.GND
Controller
Cooling control
D.GND
TE controller
Controller
Cf SEL
D.GND
Power supply
I/O signal
VD1 (+5 V)
D.GND
VA+ (+15 V)
VA- (-15 V)
A.GND
Pulse generator CLK
D.GND
Start
D.GND
S/H or A/D
Analog input
A.GND
S/H input
D.GND
Oscilloscope
CH1
GND
Ext.Trig
GND
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Connection example (C8061/C8062-01)
KACCC0197EB
*
C8061-01: +5 V, C8062-01: +6 V
Multichannel detector head controller C7557-01
When connected to a HAMAMATSU multichannel detector head and a personal computer, the C7557-01 allows easy control of the de-
tector head and data acquisition by using dedicated software that comes with the unit.
Suitable multichannel detector head
C7020/-02, C7021/-02, C7025/-02,
C7040, C7041, C7043, C7044, C7180,
C7181, C8061-01, C8062-01, C10150, C10151,
C5964 series, C8892


Similar Part No. - C8061-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8061-01 HAMAMATSU-C8061-01 Datasheet
333Kb / 6P
   Multichannel detector head controller
C8061-01 HAMAMATSU-C8061-01 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
More results

Similar Description - C8061-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
G9201 HAMAMATSU-G9201 Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211_05 Datasheet
132Kb / 4P
   InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
C13015 HAMAMATSU-C13015_15 Datasheet
817Kb / 6P
   For CMOS linear image sensor S11639
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com