Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46V128M4TG-75L Datasheet(PDF) 4 Page - Micron Technology

Part # MT46V128M4TG-75L
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V128M4TG-75L Datasheet(HTML) 4 Page - Micron Technology

  MT46V128M4TG-75L Datasheet HTML 1Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 2Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 3Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 4Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 5Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 6Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 7Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 8Page - Micron Technology MT46V128M4TG-75L Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
512Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mx4x8x16DDR_B.p65 – Rev. B; Pub 4/01
©2001, Micron Technology, Inc.
512Mb: x4, x8, x16
DDR SDRAM
ADVANCE
FUNCTIONAL BLOCK DIAGRAM
128 Meg x 4
13
RAS#
CAS#
ROW-
ADDRESS
MUX
CK
CS#
WE#
CK#
CONTROL
LOGIC
COLUMN-
ADDRESS
COUNTER/
LATCH
MODE REGISTERS
12
A0-A12,
BA0, BA1
CKE
13
ADDRESS
REGISTER
15
2048
(x8)
16,384
I/O GATING
DM MASK LOGIC
COLUMN
DECODER
BANK0
MEMORY
ARRAY
(8,192 x 2,048 x 8)
BANK0
ROW-
ADDRESS
LATCH
&
DECODER
8192
SENSE AMPLIFIERS
BANK
CONTROL
LOGIC
13
BANK1
BANK2
BANK3
13
11
1
2
2
REFRESH
COUNTER
4
4
4
1
INPUT
REGISTERS
1
1
1
1
RCVRS
1
8
8
2
8
ck
out
DATA
DQS
MASK
DATA
CK
CK
COL0
COL0
ck
in
DRVRS
DLL
MUX
DQS
GENERATOR
4
4
4
4
4
8
DQ0 -
DQ3, DM
DQS
1
READ
LATCH
WRITE
FIFO
&
DRIVERS


Similar Part No. - MT46V128M4TG-75L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V128M4 MICRON-MT46V128M4 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V128M4 MICRON-MT46V128M4 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
More results

Similar Description - MT46V128M4TG-75L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com