Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46V64M8TG-75 Datasheet(PDF) 11 Page - Micron Technology

Part # MT46V64M8TG-75
Description  DOUBLE DATA RATE DDR SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M8TG-75 Datasheet(HTML) 11 Page - Micron Technology

Back Button MT46V64M8TG-75 Datasheet HTML 7Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 8Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 9Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 10Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 11Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 12Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 13Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 14Page - Micron Technology MT46V64M8TG-75 Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
512Mb: x4, x8, x16 DDR SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mx4x8x16DDR_B.p65 – Rev. B; Pub 4/01
©2001, Micron Technology, Inc.
512Mb: x4, x8, x16
DDR SDRAM
ADVANCE
Table 2
CAS Latency (CL)
Read Latency
The READ latency is the delay, in clock cycles, be-
tween the registration of a READ command and the
availability of the first bit of output data. The latency
can be set to 2, or 2.5 clocks, as shown in Figure 2.
If a READ command is registered at clock edge n,
and the latency is m clocks, the data will be available
nominally coincident with clock edge n + m. Table 2
indicates the operating frequencies at which each CAS
latency setting can be used.
Reserved states should not be used as unknown
operation or incompatibility with future versions may
result.
Figure 2
CAS Latency
Operating Mode
The normal operating mode is selected by issuing a
MODE REGISTER SET command with bits A7-A12 each
set to zero, and bits A0-A6 set to the desired values. A
DLL reset is initiated by issuing a MODE REGISTER
SET command with bits A7 and A9-A12 each set to zero,
bit A8 set to one, and bits A0-A6 set to the desired
values. Although not required by the Micron device,
JEDEC specifications recommend when a LOAD MODE
REGISTER command is issued to reset the DLL, it
should always be followed by a LOAD MODE REGIS-
TER command to select normal operating mode.
All other combinations of values for A7-A12 are re-
served for future use and/or test modes. Test modes
and reserved states should not be used because un-
known operation or incompatibility with future ver-
sions may result.
CK
CK#
COMMAND
DQ
DQS
CL = 2
READ
NOP
NOP
NOP
READ
NOP
NOP
NOP
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
CK
CK#
COMMAND
DQ
DQS
CL = 2.5
T0
T1
T2
T2n
T3
T3n
T0
T1
T2
T2n
T3
T3n
DON’T CARE
TRANSITIONING DATA
ALLOWABLE OPERATING
FREQUENCY (MHz)
SPEED
CL = 2
CL = 2.5
-75Z
75
f ≤ 133
75
f ≤133
-75
75
f ≤ 100
75
f ≤133
-8
75
f ≤ 100
75
f ≤125


Similar Part No. - MT46V64M8TG-75

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M8 MICRON-MT46V64M8 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M8 MICRON-MT46V64M8 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8 MICRON-MT46V64M8 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
More results

Similar Description - MT46V64M8TG-75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com