Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3637 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N3637
Description  Low Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3637 Datasheet(HTML) 6 Page - ON Semiconductor

  2N3637 Datasheet HTML 1Page - ON Semiconductor 2N3637 Datasheet HTML 2Page - ON Semiconductor 2N3637 Datasheet HTML 3Page - ON Semiconductor 2N3637 Datasheet HTML 4Page - ON Semiconductor 2N3637 Datasheet HTML 5Page - ON Semiconductor 2N3637 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N3634, 2N3634L, 2N3635, 2N3635L, 2N3636, 2N3636L, 2N3637, 2N3637L
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−39 3−Lead
CASE 205AB
ISSUE A
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
SEATING
PLANE
R
F
B
C
K
L
P
D
3X
M
H
J
S
B
0.007 (0.18MM)
C M
A
N
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.350
0.370
8.89
9.40
B
0.315
0.335
8.00
8.51
C
0.240
0.260
6.10
6.60
D
0.016
0.019
0.41
0.48
E
0.009
0.125
0.23
3.18
F
0.016
0.019
0.41
0.48
N
0.200 BSC
5.08 BSC
H
0.028
0.034
0.71
0.86
J
0.029
0.040
0.73
1.02
K
0.500
0.580
12.70
14.73
L
0.250
---
6.35
---
M
45 BSC
45 BSC
R
0.054 BSC
1.37 BSC
P
---
0.050
---
1.27
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION J MEASURED FROM DIAMETER A TO EDGE.
4. LEAD TRUE POSITION TO BE DETERMINED AT THE GUAGE
PLANE DEFINED BY DIMENSION R.
5. DIMENSION F APPLIES BETWEEN DIMENSION P AND L.
6. DIMENSION D APPLIES BETWEEN DIMENSION L AND K.
7. BODY CONTOUR OPTIONAL WITHIN ZONE DEFINED BY DIMEN­
SIONS A, B, AND T.
8. DIMENSION B SHALL NOT VARY MORE THAN 0.010 IN ZONE P.
T
---
0.030
---
0.76
U
0.100
---
2.54
---
A
B
A
DETAIL X
U
NOTE 5
NOTES 4 & 6
C
U
E
2
3
1
DETAIL X
NOTE 7
T
LEAD IDENTIFICATION
DETAIL
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
2N3637/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - 2N3637

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637 SEME-LAB-2N3637 Datasheet
20Kb / 2P
   PNP SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N3637 BOCA-2N3637 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3637 MICROSEMI-2N3637 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3637 MICROSEMI-2N3637 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3637 MICROSEMI-2N3637 Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3637

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
logo
List of Unclassifed Man...
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
T2N4401 ETC2-T2N4401 Datasheet
254Kb / 7P
   Low Power Bipolar Transistors
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
American Microsemicondu...
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_09 Datasheet
232Kb / 9P
   Low voltage NPN power transistors
logo
American Microsemicondu...
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5362 AMMSEMI-2N5362 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5457 AMMSEMI-2N5457 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com