Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3634L Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3634L
Description  Low Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3634L Datasheet(HTML) 1 Page - ON Semiconductor

  2N3634L Datasheet HTML 1Page - ON Semiconductor 2N3634L Datasheet HTML 2Page - ON Semiconductor 2N3634L Datasheet HTML 3Page - ON Semiconductor 2N3634L Datasheet HTML 4Page - ON Semiconductor 2N3634L Datasheet HTML 5Page - ON Semiconductor 2N3634L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 1
1
Publication Order Number:
2N3637/D
2N3634, 2N3634L, 2N3635,
2N3635L, 2N3636,
2N3636L, 2N3637, 2N3637L
Low Power Transistors
PNP Silicon
Features
MIL−PRF−19500/357 Qualified
Available as JAN, JANTX, JANTXV and JANHC
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
2N3634/L
2N3635/L
2N3636/L
2N3637/L
Unit
Collector − Emitter Voltage
VCEO
−140
−175
Vdc
Collector − Base Voltage
VCBO
−140
−175
Vdc
Emitter − Base Voltage
VEBO
−5.0
Vdc
Collector Current
− Continuous
IC
1.0
Adc
Total Device Dissipation
@ TA = 25°C
PT
1.0
W
Total Device Dissipation
@ TC = 25°C
PT
5.0
W
Operating and Storage Junc-
tion Temperature Range
TJ, Tstg
− 65 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
175
°C/W
Thermal Resistance, Junction to Case
RqJC
35
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
ORDERING INFORMATION
Level
Device
Package
Shipping
JAN
JANTX
JANTXV
JANHC
2N3634
TO−39
Bulk
2N3635
2N3636
2N3637
2N3634L
TO−5
Bulk
2N3635L
2N3636L
2N3637L
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
TO−5
CASE 205AA
STYLE 1
2N3634L
2N3635L
2N3636L
2N3637L
TO−39
CASE 205AB
STYLE 1
2N3634
2N3635
2N3636
2N3637


Similar Part No. - 2N3634L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3634L MICROSEMI-2N3634L Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3634L MICROSEMI-2N3634L Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3634L MICROSEMI-2N3634L Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3634L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
logo
List of Unclassifed Man...
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
T2N4401 ETC2-T2N4401 Datasheet
254Kb / 7P
   Low Power Bipolar Transistors
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
American Microsemicondu...
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_09 Datasheet
232Kb / 9P
   Low voltage NPN power transistors
logo
American Microsemicondu...
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5362 AMMSEMI-2N5362 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5457 AMMSEMI-2N5457 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com