Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7SB384BMX1TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # 7SB384BMX1TCG
Description  Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7SB384BMX1TCG Datasheet(HTML) 4 Page - ON Semiconductor

  7SB384BMX1TCG Datasheet HTML 1Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 2Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 3Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 4Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 5Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 6Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 7Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 8Page - ON Semiconductor 7SB384BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7SB384
http://onsemi.com
4
AC Loading and Waveforms
Figure 4. Load Circuit and Voltage Waveforms
500 W
CL = 50 pF
(see Note A)
7 V
From Output
Under Test
500 W
S1
Open
GND
LOAD CIRCUIT
TEST
S1
tPD
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
GND
Input
1.5 V
1.5 V
1.5 V
1.5 V
tPLH
tPHL
Output
3 V
VOH
0 V
VOL
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPZL
3 V
1.5 V
1.5 V
0 V
Output
Control
tPLZ
tPZH
tPHZ
1.5 V
1.5 V
3.5 V
0 V
VOL
VOH
VOL + 0.3 V
VOH − 0.3 V
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 W, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The output is measured with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
DEVICE ORDERING INFORMATION
Device
Package
Shipping
7SB384DTT1G
TSOP−5
(Pb−Free)
3000 / Tape & Reel
7SB384DFT2G
SC−88A
(Pb−Free)
3000 / Tape & Reel
7SB384AMX1TCG
ULLGA6 − 0.5 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7SB384BMX1TCG
ULLGA6 − 0.4 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7SB384CMX1TCG
ULLGA6 − 0.35 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7SB384MUTCG
UDFN6 − 0.4 mm Pitch
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 7SB384BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7SB385 ONSEMI-7SB385 Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385AMX1TCG ONSEMI-7SB385AMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385BMX1TCG ONSEMI-7SB385BMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385CMX1TCG ONSEMI-7SB385CMX1TCG Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
7SB385DFT2G ONSEMI-7SB385DFT2G Datasheet
139Kb / 10P
   Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
More results

Similar Description - 7SB384BMX1TCG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4915A-005 HP-N4915A-005 Datasheet
173Kb / 4P
   Bus Switch
logo
ON Semiconductor
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126 ONSEMI-7SB3126 Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
   Quad Bus Switch
logo
PHOENIX CONTACT
5088A PHOENIX-5088A Datasheet
120Kb / 4P
   Remote Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com