Electronic Components Datasheet Search |
|
2N3636L Datasheet(PDF) 2 Page - ON Semiconductor |
|
2N3636L Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 6 page 2N3634, 2N3634L, 2N3635, 2N3635L, 2N3636, 2N3636L, 2N3637, 2N3637L http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector − Emitter Breakdown Voltage (IC = −10 mA) 2N3634, 2N3635 2N3636, 2N3637 V(BR)CEO −140 −175 − − V Emitter−Base Cutoff Current (VEB = −3.0 V) (VEB = −5.0 V) IEBO − − −50 −10 nA mA Collector−Emitter Cutoff Current (VCE = −100 V) ICEO − −10 mA Collector−Base Cutoff Current (VCB = −100 V) (VCB = −140 V) 2N3634, 2N3635 (VCB = −175 V) 2N3636, 2N3637 ICBO − − − −100 −10 −10 nA mA mA ON CHARACTERISTICS (Note 1) DC Current Gain 2N3634, 2N3636 (IC = −0.1 mA, VCE = −10 V) (IC = −1.0 mA, VCE = −10 V) (IC = −10 mA, VCE = −10 V) (IC = −50 mA, VCE = −10 V) (IC = −150 mA, VCE = −10 V) hFE 25 45 50 50 30 − − − 150 − − DC Current Gain 2N3635, 2N3637 (IC = −0.1 mA, VCE = −10 V) (IC = −1.0 mA, VCE = −10 V) (IC = −10 mA, VCE = −10 V) (IC = −50 mA, VCE = −10 V) (IC = −150 mA, VCE = −10 V) hFE 55 90 100 100 60 − − − 300 − − Collector − Emitter Saturation Voltage (IC = −10 mA, IB = −1.0 mA) (IC = −50 mA, IB = −5.0 mA) VCE(sat) − − −0.3 −0.6 V Base − Emitter Saturation Voltage (IC = −10 mA, IB = −1.0 mA) (IC = −50 mA, IB = −5.0 mA) VBE(sat) − −0.65 −0.8 −0.9 V SMALL−SIGNAL CHARACTERISTICS Magnitude of Small−Signal Current Gain (IC = −30 mA, VCE = −30 V, f = 100 MHz) 2N3634, 2N3636 2N3635, 2N3637 |hfe| 1.5 2.0 8.0 8.5 − Small−Signal Current Gain (IC = −10 mA, VCE = −10 V, f = 1 kHz) 2N3634, 2N3636 2N3635, 2N3637 hfe 40 80 160 320 − Output Capacitance (VCB = −20 V, IE = 0 A, 100 kHz ≤ f ≤ 1.0 MHz) Cobo − 10 pF Input Capacitance (VEB = −1.0 V, IC = 0 A, 100 kHz ≤ f ≤ 1.0 MHz) Cibo − 75 pF Noise Figure (VCE = −10 V, IC = −0.5 mA, Rg = 1 kW, f = 100 Hz) (VCE = −10 V, IC = −0.5 mA, Rg = 1 kW, f = 1.0 kHz) (VCE = −10 V, IC = −0.5 mA, Rg = 1 kW, f = 10 kHz) NF − − − 5.0 3.0 3.0 dB SWITCHING CHARACTERISTICS Delay Time (Reference Figure 11 in MIL−PRF−19500/357) td − 100 ns Rise Time (Reference Figure 11 in MIL−PRF−19500/357) tr − 100 ns Storage Time (Reference Figure 11 in MIL−PRF−19500/357) ts − 500 ns Fall Time (Reference Figure 11 in MIL−PRF−19500/357) tf − 150 ns Turn−Off Time (Reference Figure 11 in MIL−PRF−19500/357) toff − 600 ns 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%. |
Similar Part No. - 2N3636L |
|
Similar Description - 2N3636L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |