Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3636L Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N3636L
Description  Low Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3636L Datasheet(HTML) 3 Page - ON Semiconductor

  2N3636L Datasheet HTML 1Page - ON Semiconductor 2N3636L Datasheet HTML 2Page - ON Semiconductor 2N3636L Datasheet HTML 3Page - ON Semiconductor 2N3636L Datasheet HTML 4Page - ON Semiconductor 2N3636L Datasheet HTML 5Page - ON Semiconductor 2N3636L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3634, 2N3634L, 2N3635, 2N3635L, 2N3636, 2N3636L, 2N3637, 2N3637L
http://onsemi.com
3
IC, COLLECTOR CURRENT (mA)
400
0.1
1
10
100
Figure 1. DC Current Gain
350
300
250
200
150
100
50
0
150
°C
−55
°C
25
°C
VCE = 10 V
IC, COLLECTOR CURRENT (mA)
1.2
0.1
1
10
100
Figure 2. Base−Emitter Saturation Voltage
−55
°C
25
°C
150
°C
IC/IB = 10
1.0
0.8
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (mA)
0.6
0.1
1
10
100
Figure 3. Collector−Emitter Saturation Voltage
−55
°C
25
°C
150
°C
IC, COLLECTOR CURRENT (mA)
1.1
0.1
1
10
100
Figure 4. Base−Emitter Voltage
VCE = 1 V
IC/IB = 10
−55
°C
25
°C
150
°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IB, BASE CURRENT (mA)
1.0
0.01
0.10
1
10
Figure 5. Collector Saturation Region
IC = 10 mA
100 mA
300 mA
VBE, BASE−EMITTER VOLTAGE (V)
70
−5
−4
−3
0
Figure 6. Input Capacitance
TJ = 25°C
fTEST = 10 kHz
−2
0.1
0.01
−1
0.5
0.4
0.3
0.2
0.1
0
60
50
40
30
20
10
0


Similar Part No. - 2N3636L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3636L MICROSEMI-2N3636L Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3636L MICROSEMI-2N3636L Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3636L MICROSEMI-2N3636L Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3636L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
logo
List of Unclassifed Man...
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
T2N4401 ETC2-T2N4401 Datasheet
254Kb / 7P
   Low Power Bipolar Transistors
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
American Microsemicondu...
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_09 Datasheet
232Kb / 9P
   Low voltage NPN power transistors
logo
American Microsemicondu...
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5362 AMMSEMI-2N5362 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5457 AMMSEMI-2N5457 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com