Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR023ZCSC00SUEAR-GEVK Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR023ZCSC00SUEAR-GEVK
Description  Mp/Full HD Digital Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR023ZCSC00SUEAR-GEVK Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR023ZCSC00SUEAR-GEVK Datasheet HTML 5Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 6Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 7Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 8Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 9Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 10Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 11Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 12Page - ON Semiconductor AR023ZCSC00SUEAR-GEVK Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AR023Z/D Rev. 0, Pub. 9/15 EN
9
©Semiconductor Components Industries, LLC, 2015.
AR023Z: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
Figure 3:
Typical Configuration: Parallel Pixel Data Interface
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
3. The serial interface output pads and VDDSLVS can be left unconnected if the parallel output inter-
face is used.
4. ON Semiconductor recommends that 0.1F and 10F decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Refer to the AR023Z demo headboard schematics for circuit recom-
mendations.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that cou-
pling with the digital power planes is minimized.
6. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage currents.
7. The EXTCLK input is limited to 6-48 MHz.
VDD
Master clock
(6-48 MHz)
SDATA
SCLK
TEST
FRAME_VALID
DOUT [11:0]
EXTCLK
DGND
Digital
ground
Analog
ground
Digital
core
power1
To
controller
From
Controller
LINE_VALID
PIXCLK
RESET_BAR
VDD_IO
Digital
I/O
power1
VAA
VAA_PIX
Analog
power1
VDD_PLL
PLL
power1
Analog
power1
VAA_PIX
VDD_IO
VDD_PLL
VDD
VAA
TRIGGER
OE_BAR
AGND
SADDR
SHUTTER
FLASH


Similar Part No. - AR023ZCSC00SUEAR-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR023ZMCSC00SUEA0-DRBR ONSEMI-AR023ZMCSC00SUEA0-DRBR Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR023ZMCSC00SUEAD3-GEVK ONSEMI-AR023ZMCSC00SUEAD3-GEVK Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR023ZMCSC00SUEAH3-GEVB ONSEMI-AR023ZMCSC00SUEAH3-GEVB Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR023ZMCSC00SUEAR-GEVK ONSEMI-AR023ZMCSC00SUEAR-GEVK Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
More results

Similar Description - AR023ZCSC00SUEAR-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com