Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS2C00SUEAH-GEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0141CS2C00SUEAH-GEVB
Description  Inch Digital Image Sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS2C00SUEAH-GEVB Datasheet(HTML) 1 Page - ON Semiconductor

  AR0141CS2C00SUEAH-GEVB Datasheet HTML 1Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 2Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 3Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 4Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 5Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 6Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 7Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 8Page - ON Semiconductor AR0141CS2C00SUEAH-GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
AR0141CS: 1/4-Inch Digital Image Sensor
Features
AR0141CS DS Rev. D Pub. 6/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/4-Inch Digital Image Sensor
AR0141CS Datasheet, Rev. D
For the latest datasheet, please visit: www.onsemi.com
Features
• Superior low-light performance
• Latest 3.0 m pixel with ON Semiconductor
DR-Pix™ technology
• Linear range capture
• 1.0 Mp and 720p (16:9) images
• Support for external mechanical shutter
• Support for external LED or xenon flash
• On-chip phase-locked loop (PLL) oscillator
• Integrated position-based color and lens shading
correction
• Slave mode for precise frame-rate control
• Stereo/3D camera support
• Statistics engine
• Data interfaces: four-lane serial high-speed pixel
interface (HiSPi) differential signaling (SLVS and
HiVCM), or parallel
• Auto black level calibration
• High-speed context switching
•Temperature sensor
Applications
• Video surveillance
• Scanning
•Industrial
• Stereo vision
• 720p60 video applications
General Description
The ON Semiconductor AR0141CS is a 1/4-inch CMOS
digital image sensor with an active-pixel array of
1280Hx800V. It captures images in linear mode, with a
rolling-shutter readout. It includes sophisticated cam-
era functions such as in-pixel binning, windowing and
both video and single frame modes. It is designed for
low light scene performance. It is programmable
through a simple two-wire serial interface. The
AR0141CS produces extraordinarily clear, sharp digital
pictures, and its ability to capture both continuous
video and single frames makes it the perfect choice for
a wide range of applications, including surveillance
and HD video.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/4-inch
Active pixels
1280(H) x 800(V) (entire
array)
Pixel size
3.0 m x 3.0 m
Color filter array
RGB Bayer, Monochrome
Shutter type
Electronic rolling shutter
and GRR
Input clock range
6 – 50 MHz
Output clock maximum
148.5 Mp/s (4-lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi, 12-bit
Parallel
10-, 12-bit
Frame rate
720p
60 fps
Responsivity
4.0 V/lux-sec
SNRMAX
41 dB
Max Dynamic range
Up to 79 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3 V - 0.6 V, 1.7 V - 1.9 V
Power consumption (typical)
326 mW (Linear Mode
1280x720 60 fps)
Operating temperature (ambient) -TA –30°C to + 70° C
Package options
9x9mm 63-ball iBGA


Similar Part No. - AR0141CS2C00SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CS2C00SUEAH-GEVB ONSEMI-AR0141CS2C00SUEAH-GEVB Datasheet
2Mb / 64P
   1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
AR0141CS2C00SUEAH-GEVB ONSEMI-AR0141CS2C00SUEAH-GEVB Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
More results

Similar Description - AR0141CS2C00SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CS ONSEMI-AR0141CS Datasheet
2Mb / 64P
   1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com