Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSC00SUEA0-DRBR Datasheet(PDF) 7 Page - ON Semiconductor

Part # AR0134CSSC00SUEA0-DRBR
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEA0-DRBR Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AR0134CSSC00SUEA0-DRBR Datasheet HTML 3Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 4Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEA0-DRBR Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AR0134_DS Rev. G Pub. 6/15 EN
7
©Semiconductor Components Industries, LLC,2015.
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Features Overview
processing signal chain (which provides further data path corrections and applies digital
gain). The pixel data are output at a rate of up to 74.25 Mp/s, in parallel to frame and line
synchronization signals.
Features Overview
The AR0134 Global Sensor shutter has a wide array of features to enhance functionality
and to increase versatility. A summary of features follows. Please refer to the AR0134
Developer Guide for detailed feature descriptions, register settings, and tuning guide-
lines and recommendations.
•Operating Modes
The AR0134 works in master (video), trigger (single frame), or Auto Trigger modes. In
master mode, the sensor generates the integration and readout timing. In trigger
mode, it accepts an external trigger to start exposure, then generates the exposure and
readout timing. The exposure time is programmed through the two-wire serial inter-
face for both modes. Trigger mode is not compatible with the HiSPi interface.
•Window Control
Configurable window size and blanking times allow a wide range of resolutions and
frame rates. Digital binning and skipping modes are supported, as are vertical and
horizontal mirror operations.
•Context Switching
Context switching may be used to rapidly switch between two sets of register values.
Refer to the AR0134 Developer Guide for a complete set of context switchable regis-
ters.
•Gain
The AR0134 Global Shutter sensor can be configured for analog gain of up to 8x, and
digital gain of up to 8x.
•Automatic Exposure Control
The integrated automatic exposure control may be used to ensure optimal settings of
exposure and gain are computed and updated every other frame. Refer to the AR0134
Developer Guide for more details.
•HiSPi
The AR0134 Global Shutter image sensor supports two or three lanes of Streaming-SP
or Packetized-SP protocols of ON Semiconductor's High-Speed Serial Pixel Interface.
•PLL
An on chip PLL provides reference clock flexibility and supports spread spectrum
sources for improved EMI performance.
•Reset
The AR0134 may be reset by a register write, or by a dedicated input pin.
•Output Enable
The AR0134 output pins may be tri-stated using a dedicated output enable pin.
•Temperature Sensor
The temperature sensor is only guaranteed to be functional when the AR0134 is
initially powered-up or is reset at temperatures at or above 0°C.
• Black Level Correction
•Row Noise Correction
• Column Correction
• Test Patterns
Several test patterns may be enabled for debug purposes. These include a solid color,
color bar, fade to grey, and a walking 1s test pattern.


Similar Part No. - AR0134CSSC00SUEA0-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSC00SUEA0-DRBR ONSEMI-AR0134CSSC00SUEA0-DRBR Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
More results

Similar Description - AR0134CSSC00SUEA0-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com