Electronic Components Datasheet Search |
|
AR0230CSSC00SUEAH3-GEVB Datasheet(PDF) 6 Page - ON Semiconductor |
|
AR0230CSSC00SUEAH3-GEVB Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 36 page AR0230CS/D Rev. 8, Pub. 11/15 EN 6 ©Semiconductor Components Industries, LLC, 2015. AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor General Description General Description The ON Semiconductor AR0230CS can be operated in its default mode or programmed for frame size, exposure, gain, and other parameters. The default mode output is a 1080p-resolution image at 60 frames per second (fps) through the HiSPi port. In linear mode, it outputs 12-bit or 10-bit A-Law compressed raw data, using either the parallel or serial (HiSPi) output ports. In high dynamic range mode, it outputs 12-bit compressed data using parallel output. In HiSPi mode, 12- or 14-bit compressed, or 16-bit linearized data may be output. The device may be operated in video (master) mode or in single frame trigger mode. FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a synchronized pixel clock in parallel mode. The AR0230CS includes additional features to allow application-specific tuning: windowing and offset, auto black level correction, and on-board temperature sensor. Optional register information and histogram statistic information can be embedded in the first and last 2 lines of the image frame. The AR0230CS is designed to operate over a wide temperature range of -30°C to +85°C ambient. |
Similar Part No. - AR0230CSSC00SUEAH3-GEVB |
|
Similar Description - AR0230CSSC00SUEAH3-GEVB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |