Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CSSC12SUEA0-DR Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0230CSSC12SUEA0-DR
Description  Full HD Digital Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CSSC12SUEA0-DR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0230CSSC12SUEA0-DR Datasheet HTML 7Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 8Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 9Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 10Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 11Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 12Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 13Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 14Page - ON Semiconductor AR0230CSSC12SUEA0-DR Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AR0230CS/D Rev. 8, Pub. 11/15 EN
11
©Semiconductor Components Industries, LLC, 2015.
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
Table 3:
Pin Descriptions, 80-ball iBGA
Name
iBGA Pin
Type
Description
SLVS0_P
A2
Output HiSPi serial data, lane 0, differential P.
SLVS1_P
A3
Output HiSPi serial data, lane 1, differential P.
SLVSC_P
A4
Output HiSPi serial DDR clock differential P.
SLVS2_P
A5
Output HiSPi serial data, lane 2, differential P.
SLVS3_P
A6
Output HiSPi serial data, lane 3, differential P.
VDD_PLL
B1
Power
PLL power.
SLVS0_N
B2
Output HiSPi serial data, lane 0, differential N.
SLVS1_N
B3
Output HiSPi serial data, lane 1, differential N.
SLVSC_N
B4
Output HiSPi serial DDR clock differential N.
SLVS2_N
B5
Output HiSPi serial data, lane 2, differential N.
SLVS3_N
B6
Output HiSPi serial data, lane 3, differential N.
SHUTTER
B9
Output Control for external mechanical shutter. Can be left floating if not used.
VAA
C1, G1, D9, F9
Power
Analog power.
AGND
C2, G2, D8, E8, F8
Power
Analog ground.
VDD_SLVS
C4
Power
0.3V-0.6V or 1.7V - 1.9V port to HiSPi Output Driver. Set the High_VCM
(R0x306E[9]) bit to 1 when configuring VDD_SLVS to 1.7 – 1.9V.
VDD
C5, J5, A9, H9, A7, D1, F1
Power
Digital power.
Reserved
C9, F7
DGND
B7, C7, D7, E7, G7, B8, C8, G8,
D2, E2, F2, H2, C3, G3, H3, C6,
J6
Power
Digital ground.
EXTCLK
D3
Input
External input clock.
PIXCLK
D4
Output Pixel clock out. Dout is valid on rising edge of this clock.
SADDR
D5
Input
Two-Wire Serial address select. 0: 0x20. 1: 0x30
TRIGGER
D6
Input
Exposure synchronization input.
VAA_PIX
E9
Power
Pixel power.
VDD_IO
E1, H1, J2, J7, A8, G9, J9
Power
I/O supply power.
SDATA
E3
I/O
Two-Wire Serial data I/O.
FLASH
E4
Output Flash control output.
FRAME_VALID
E5
Output Asserted when Dout frame data is valid.
SCLK
E6
Input
Two-Wire Serial clock input.
DOUT11
F3
Output Parallel pixel data output (MSB)
DOUT10
F4
Output Parallel pixel data output.
DOUT9F5
Output Parallel pixel data output.
LINE_VALID
F6
Output Asserted when Dout line data is valid.
DOUT8G4
Output Parallel pixel data output.
DOUT7G5
Output Parallel pixel data output.
DOUT6G6
Output Parallel pixel data output.
DOUT5H4
Output Parallel pixel data output.
DOUT4H5
Output Parallel pixel data output.
DOUT3H6
Output Parallel pixel data output.
RESET_BAR
H7
Input
Asynchronous reset (active LOW). All settings are restored to factory
default.


Similar Part No. - AR0230CSSC12SUEA0-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230CSSC12SUEA0-DR ONSEMI-AR0230CSSC12SUEA0-DR Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR0230CSSC12SUEA0-DR ONSEMI-AR0230CSSC12SUEA0-DR Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
More results

Similar Description - AR0230CSSC12SUEA0-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com