Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CSSC12SUEAH3-GEVB Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0230CSSC12SUEAH3-GEVB
Description  Full HD Digital Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CSSC12SUEAH3-GEVB Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0230CSSC12SUEAH3-GEVB Datasheet HTML 4Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 5Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 6Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 7Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 8Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 9Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 10Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 11Page - ON Semiconductor AR0230CSSC12SUEAH3-GEVB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AR0230CS/D Rev. 8, Pub. 11/15 EN
8
©Semiconductor Components Industries, LLC, 2015.
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
high dynamic range mode of operation where multiple images are combined on-chip to
produce a single image at 16-bit per pixel value. A compression mode is further offered
to allow the 16 bits per pixel to be transmitted to the host system as a 12-bit value with
close to zero loss in image quality.
Figure 2:
Typical Configuration: Serial Four-Lane HiSPi Interface
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
3. The parallel interface output pads can be left unconnected if the serial output interface is used.
4. ON Semiconductor recommends that 0.1F and 10F decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Refer to the AR0230CS demo headboard schematics for circuit rec-
ommendations.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that cou-
pling with the digital power planes is minimized.
6. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage currents.
VDD_IO
VDD_SLVS
VDD_PLL
VDD
VAA
VDD
VAA
VAA_PIX
Master clock
(6–48 MHz)
SDATA
SCLK
RESET_BAR
TEST
EXTCLK
DGND
AGND
Digital
ground
Analog
ground
Digital
Core
power1
HiSPi
power1
Analog
power1
To
controller
From
controller
VDD_IO
VDD_PLL
PLL
power1
Digital
I/O
power1
Analog
power1
VAA_PIX
SLVSC_N
SLVSC_P
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_P
SLVS2_N
SLVS3_P
SLVS3_N
TRIGGER
OE_BAR
SADDR
SHUTTER
FLASH


Similar Part No. - AR0230CSSC12SUEAH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230CSSC12SUEAH3-GEVB ONSEMI-AR0230CSSC12SUEAH3-GEVB Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR0230CSSC12SUEAH3-GEVB ONSEMI-AR0230CSSC12SUEAH3-GEVB Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
More results

Similar Description - AR0230CSSC12SUEAH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com