Electronic Components Datasheet Search |
|
AR0331SRSC00SUCAD-GEVK Datasheet(PDF) 1 Page - ON Semiconductor |
|
AR0331SRSC00SUCAD-GEVK Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 72 page AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor Features AR0331_DS Rev. L Pub. 5/15 EN 1 ©Semiconductor Components Industries, LLC 2015, 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor AR0331 Datasheet, Rev. L For the latest datasheet, please visit www.onsemi.com Features • Superior low-light performance • Latest 2.2 m pixel with ON Semiconductor A-Pix™ technology • Full HD support at 1080P 60 fps for superior video performance • Linear or high dynamic range capture • 3.1M (4:3)and 1080P full HD (16:9) images • Optional adaptive local tone mapping (ALTM) • Interleaved T1/T2 output • Support for external mechanical shutter • Support for external LED or Xenon flash • Slow-motion video (VGA 120 fps) • On-chip phase-locked loop (PLL) oscillator • Integrated position-based color and lens shading correction • Slave mode for precise frame-rate control • Stereo/3D camera support • Statistics engine • Data interfaces: four-lane serial high-speed pixel interface (HiSPi™) differential signaling (SLVS and HiVCM), or parallel • Auto black level calibration • High-speed context switching •Temperature sensor Applications • Video surveillance • Stereo vision •Smart vision •Automation •Machine vision • 1080p60 video applications • High dynamic range imaging General Description The ON Semiconductor AR0331 is a 1/3-inch CMOS digital image sensor with an active-pixel array of 2048Hx1536V. It captures images in either linear or high dynamic range modes, with a rolling-shutter readout. It includes sophisticated camera functions such as in-pixel binning, windowing and both video and single frame modes. It is designed for both low light and high dynamic range scene performance. It is programmable through a simple two-wire serial inter- face. The AR0331 produces extraordinarily clear, sharp digital pictures, and its ability to capture both continu- ous video and single frames makes it the perfect choice for a wide range of applications, including surveillance and HD video. Table 1: Key Parameters Parameter Typical Value Optical format 1/3-inch (5.8 mm) Note: Sensor optical format will also work with lenses designed for 1/3.2” format. Active pixels 2048(H) x 1536(V) (4:3, mode) Pixel size 2.2m x 2.2m Color filter array RGB Bayer Shutter type Electronic rolling shutter and GRR Input clock range 6 – 48 MHz Output clock maximum 148.5 Mp/s (4-lane HiSPi) 74.25 Mp/s (Parallel) Output Serial HiSPi 10-, 12-, 14-, or 16-bit Parallel 10-, 12-bit Frame rate Full resolution 30 fps 1080p 60 fps Responsivity 1.9 V/lux-sec SNRMAX 39 dB Max Dynamic range Up to 100 dB Supply voltage I/O 1.8 or 2.8 V Digital 1.8 V Analog 2.8 V HiSPi 0.3V - 0.6V, 1.7 V - 1.9 V Power consumption (typical) <780 mW Operating temperature (ambient) –30°C to + 85° C Package options 10 x 10 mm 48 pin iLCC 9.5 x 9.5 mm 63-pin iBGA |
Similar Part No. - AR0331SRSC00SUCAD-GEVK |
|
Similar Description - AR0331SRSC00SUCAD-GEVK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |