Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM00SUEAD-GEVK Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0134CSSM00SUEAD-GEVK
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAD-GEVK Datasheet(HTML) 1 Page - ON Semiconductor

  AR0134CSSM00SUEAD-GEVK Datasheet HTML 1Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 2Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 3Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 4Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 5Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 6Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 7Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 8Page - ON Semiconductor AR0134CSSM00SUEAD-GEVK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Features
AR0134_DS Rev. G Pub. 6/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/3-Inch 1.2 Mp CMOS Digital Image Sensor with
Global Shutter
AR0134 Datasheet, Rev. G
For the latest datasheet revision, please visit www.onsemi.com
Features
• ON Semiconductor's 3rd Generation Global Shutter
Technology
• Superior low-light performance
• HD video (720p60)
• Video/Single Frame mode
• Flexible row-skip modes
• On-chip AE and statistics engine
• Parallel and serial output
• Support for external LED or flash
• Auto black level calibration
•Context switching
Applications
• Scene processing
• Scanning and machine vision
• 720p60 video applications
General Description
ON Semiconductor's AR0134 is a 1/3-inch 1.2 Mp
CMOS digital image sensor with an active-pixel array
of 1280H x 960V. It is designed for low light perfor-
mance and features a global shutter for accurate cap-
ture of moving scenes. It includes sophisticated
camera functions such as auto exposure control, win-
dowing, scaling, row skip mode, and both video and
single frame modes. It is programmable through a sim-
ple two-wire serial interface. The AR0134 produces
extraordinarily clear, sharp digital pictures, and its
ability to capture both continuous video and single
frames makes it the perfect choice for a wide range of
applications, including scanning and industrial
inspection.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (6 mm)
Active pixels
1280H x 960V = 1.2 Mp
Pixel size
3.75 m
Color filter array
RGB Bayer or Monochrome
Shutter type
Global shutter
Input clock range
6 – 50 MHz
Output pixel clock (maximum
)
74.25 MHz
Output
Serial
HiSPi
Parallel
12-bit
Frame rate
Full resolution 54 fps
720p
60 fps
Responsivity
Monochrome
6.1 V/lux-sec
Color
5.3 V/lux-sec
SNRMAX
38.6 dB
Dynamic range
64 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.4 V
Power consumption
<400 mW
Operating temperature
–30°C to +70°C (ambient)
–30°C to +80°C ( junction)
Package options
9 x 9 mm 64-pin iBGA
10 x 10 mm 48-pin iLCC
Bare die


Similar Part No. - AR0134CSSM00SUEAD-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSM00SUEAD-GEVK ONSEMI-AR0134CSSM00SUEAD-GEVK Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
More results

Similar Description - AR0134CSSM00SUEAD-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com