Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC75AT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SMC75AT3
Description  Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMC75AT3 Datasheet(HTML) 1 Page - ON Semiconductor

  1SMC75AT3 Datasheet HTML 1Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 2Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 3Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 4Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 5Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 6Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 7Page - ON Semiconductor 1SMC75AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev. 3
1
Publication Order Number:
1SMC5.0AT3/D
1SMC5.0AT3 Series
1500 Watt Peak Power Zener
Transient Voltage Suppressors
Unidirectional*
The SMC series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMC series is supplied in
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
™ package and is ideally suited for use in communication
systems, automotive, numerical controls, process controls, medical
equipment, business machines, power supplies and many other
industrial/consumer applications.
Specification Features:
Working Peak Reverse Voltage Range – 5.0 V to 78 V
Standard Zener Breakdown Voltage Range – 6.7 V to 91.25 V
Peak Power – 1500 Watts @ 1 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 µA Above 10 V
UL 497B for Isolated Loop Circuit Protection
Maximum Temperature Coefficient Specified
Response Time is Typically < 1 ns
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Modified L–Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by molded polarity notch
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Please See the Table on the Following Page
PLASTIC SURFACE MOUNT
ZENER TRANSIENT
VOLTAGE SUPPRESSORS
5.0–78 VOLTS
1500 WATT PEAK POWER
Device {
Package
Shipping
ORDERING INFORMATION
1SMCxxxAT3
SMC
2500/Tape & Reel
SMC
CASE 403
PLASTIC
http://onsemi.com
Cathode
Anode
Y
= Year
WW
= Work Week
Gxx
= Specific Device Code
= (See Table on Page 3)
YWW
Gxx
MARKING DIAGRAM
*Bidirectional devices will not be available in this
series.
†The “T3” suffix refers to a 13 inch reel.
Devices listed in
bold, italic are ON Semiconductor
Preferred devices. Preferred devices are recommended
choices for future use and best overall value.


Similar Part No. - 1SMC75AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMC75AT3 ONSEMI-1SMC75AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1SMC75AT3 ONSEMI-1SMC75AT3 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC75AT3G ONSEMI-1SMC75AT3G Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC75AT3G ONSEMI-1SMC75AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
More results

Similar Description - 1SMC75AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
NS6A5.0AFT3G ONSEMI-NS6A5.0AFT3G Datasheet
62Kb / 5P
   Watt Peak Power Zener Transient Voltage Suppressors
August, 2014 ??Rev. 2
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com