Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM25SUEA0-DRBR Datasheet(PDF) 10 Page - ON Semiconductor

Part # AR0134CSSM25SUEA0-DRBR
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM25SUEA0-DRBR Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AR0134CSSM25SUEA0-DRBR Datasheet HTML 6Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 7Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 8Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 9Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 10Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 11Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 12Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 13Page - ON Semiconductor AR0134CSSM25SUEA0-DRBR Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AR0134_DS Rev. G Pub. 6/15 EN
10
©Semiconductor Components Industries, LLC,2015.
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Configuration and Pinout
Configuration and Pinout
The figures and tables below show a typical configuration for the AR0134 image sensor
and show the package pinouts.
Figure 4:
Typical Configuration: Serial Four-Lane HiSPi Interface
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5k, but it may be greater for slower two-wire
speed.
3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. The parallel interface output pads can be left unconnected if the serial output interface is used.
5. ON Semiconductor recommends that 0.1μF and 10μF decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Refer to the AR0134 demo headboard schematics for circuit recom-
mendations.
6. ON Semiconductor recommends that analog power planes be placed in a manner such that cou-
pling with the digital power planes is minimized.
7. Although 4 serial lanes are shown, the AR0134 supports only 2 or 3 lane HiSPi.
VDD_IO
VDD_SLVS
VDD_PLL
VDD
VAA
VDD
VAA
VAA_PIX
Master clock
(6–50 MHz)
SDATA
SCLK
RESET_BAR
TEST
EXTCLK
DGND
AGND
Digital
ground
Analog
ground
Digital
Core
power1
HiSPi
power1
Analog
power1
To
controller
From
controller
VDD_IO
VDD_PLL
PLL
power1
Digital
I/O
power1
Analog
power1
VAA_PIX
SLVSC_N
SLVSC_P
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_P
SLVS2_N
SLVS3_P7
SLVS3_N7
FLASH
OE_BAR
STANDBY


Similar Part No. - AR0134CSSM25SUEA0-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSM25SUEA0-DRBR ONSEMI-AR0134CSSM25SUEA0-DRBR Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
More results

Similar Description - AR0134CSSM25SUEA0-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com