Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV25128VE-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAV25128VE-GT3
Description  SPI Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25128VE-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAV25128VE-GT3 Datasheet HTML 1Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 2Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 3Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 4Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 5Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 6Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 7Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 8Page - ON Semiconductor CAV25128VE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 0
1
Publication Order Number:
CAV25128/D
CAV25128
128-Kb SPI Serial CMOS
EEPROM
Description
The CAV25128 is a 128−Kb Serial CMOS EEPROM device
internally organized as 16Kx8 bits. This features a 64−byte page write
buffer and supports the Serial Peripheral Interface (SPI) protocol. The
device is enabled through a Chip Select (CS) input. In addition, the
required bus signals are clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD input may be used to pause any serial
communication with the CAV25128 device. The device features
software and hardware write protection, including partial as well as
full array protection.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
Automotive Temperature Grade 1 (−40°C to +125°C)
10 MHz SPI Compatible
2.5 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
64−byte Page Write Buffer
Additional Identification Page with Permanent Write Protection
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
8−Lead SOIC and TSSOP Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAV25128
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
SOIC (V), TSSOP (Y)
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
SI
HOLD
VCC
VSS
WP
SO
CS
1
SCK


Similar Part No. - CAV25128VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25128VE-GT3 ONSEMI-CAV25128VE-GT3 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
More results

Similar Description - CAV25128VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020 ONSEMI-CAV25020 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com