Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F640J3RG-15ET Datasheet(PDF) 9 Page - Micron Technology

Part # MT28F640J3RG-15ET
Description  Q-FLASHTM MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F640J3RG-15ET Datasheet(HTML) 9 Page - Micron Technology

Back Button MT28F640J3RG-15ET Datasheet HTML 5Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 6Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 7Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 8Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 9Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 10Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 11Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 12Page - Micron Technology MT28F640J3RG-15ET Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
128Mb, 64Mb, 32Mb Q-Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F640J3_7.p65 – Rev. 6, Pub. 8/02
©2002, Micron Technology, Inc.
128Mb, 64Mb, 32Mb
Q-FLASH MEMORY
valid; the data may be partially corrupted after a pro-
gram or partially changed after an erase or lock bit
configuration. After RP# goes to logic HIGH (VIH), and
after tRS, another command can be written.
It is important to assert RP# during system reset.
After coming out of reset, the system expects to read
from the Flash memory. During block erase, program,
or lock bit configuration mode, automated Flash memo-
ries provide status information when accessed. When
a CPU reset occurs with no Flash memory reset, proper
initialization may not occur because the Flash memory
may be providing status information instead of array
data. Micron Flash memories allow proper initializa-
tion following a system reset through the use of the RP#
input. RP# should be controlled by the same RESET#
signal that resets the system CPU.
READ QUERY
The READ QUERY operation produces block status
information, CFI ID string, system interface informa-
tion, device geometry information, and extended query
information.
READ IDENTIFIER CODES
The READ IDENTIFIER CODES operation produces
the manufacturer code, device code, and the block lock
configuration codes for each block (see Figure 2). The
block lock configuration codes identify locked and un-
locked blocks.
WRITE
Writing commands to the CEL allows reading of de-
vice data, query, identifier codes, and reading and clear-
ing of the status register. In addition, when VPEN = VPENH,
block erasure, program, and lock bit configuration can
also be performed.
The BLOCK ERASE command requires suitable com-
mand data and an address within the block. The BYTE/
WORD PROGRAM command requires the command
and address of the location to be written to. The CLEAR
BLOCK LOCK BITS command requires the command
and any address within the device. SET BLOCK LOCK
BITS command requires the command and the block to
be locked. The CEL does not occupy an addressable
memory location. It is written to when the device is
enabled and WE# is LOW. The address and data needed
to execute a command are latched on the rising edge of
WE# or the first edge of CEx that disables the device
(see Table 2). Standard microprocessor write timings
are used.
Reserved for Future
Implementation
Manufacturer Code
Device Code
010000h
00FFFFh
000004h
000003h
000002h
000001h
000000h
Reserved for Future
Implementation
Reserved for Future
Implementation
Reserved for Future
Implementation
Block 63
Block 0
3FFFFFh
3F0003h
3F0002h
3F0000h
3EFFFFh
1EFFFFh
1F0003h
1F0002h
1F0000h
01FFFFh
010003h
010002h
Block 63 Lock Configuration
Block 0 Lock Configuration
Reserved for Future
Implementation
(Blocks 32 through 62)
Reserved for Future
Implementation
7FFFFFh
7F0003h
7F0002h
7F0000h
7EFFFFh
Block 127 Lock Configuration
Reserved for Future
Implementation
Block 31
Reserved for Future
Implementation
(Blocks 2 through 30)
Block 1
Reserved for Future
Implementation
Block 1 Lock Configuration
Block 127
Block 31 Lock Configuration
(Blocks 64 through 126)
Figure 2
Device Identifier Code Memory Map
NOTE: When obtaining these identifier codes, A0 is not used
in either x8 or x16 modes. Data is always given on the
LOW byte in x16 mode (upper byte contains 00h).


Similar Part No. - MT28F640J3RG-15ET

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F642D18 MICRON-MT28F642D18 Datasheet
593Kb / 51P
   FLASH MEMORY
MT28F642D20 MICRON-MT28F642D20 Datasheet
593Kb / 51P
   FLASH MEMORY
More results

Similar Description - MT28F640J3RG-15ET

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
   Configuration memory - RAD-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
   Configuration memory - PSR-M-MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
   Q-MOTORS
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
   Q-VoiceTM
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com