Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1215-02SR Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1215-02SR
Description  4-Channel Low Capacitance ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1215-02SR Datasheet(HTML) 5 Page - ON Semiconductor

  CM1215-02SR Datasheet HTML 1Page - ON Semiconductor CM1215-02SR Datasheet HTML 2Page - ON Semiconductor CM1215-02SR Datasheet HTML 3Page - ON Semiconductor CM1215-02SR Datasheet HTML 4Page - ON Semiconductor CM1215-02SR Datasheet HTML 5Page - ON Semiconductor CM1215-02SR Datasheet HTML 6Page - ON Semiconductor CM1215-02SR Datasheet HTML 7Page - ON Semiconductor CM1215-02SR Datasheet HTML 8Page - ON Semiconductor CM1215-02SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CM1215
http://onsemi.com
5
APPLICATION INFORMATION
Design Considerations
In order to realize the maximum protection against ESD pulses, care must be taken in the PCB layout to minimize parasitic
series inductances on the Supply/ Ground rails as well as the signal trace segment between the signal input (typically
a connector) and the ESD protection device. Refer to Figure 1, which illustrates an example of a positive ESD pulse striking
an input channel. The parasitic series inductance back to the power supply is represented by L1 and L2. The voltage VCL on
the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD) / dt+ L2 x d(IESD) / dt
where IESD is the ESD current pulse, and VSUPPLY is the positive supply voltage.
An ESD current pulse can rise from zero to its peak value in a very short time. As an example, a level 4 contact discharge
per the IEC61000−4−2 standard results in a current pulse that rises from zero to 30 Amps in 1ns. Here d(IESD)/dt can be
approximated by d(ESD)/dt, or 30/(1x10−9). So just 10 nH of series inductance (L1 and L2 combined) will lead to a 300 V
increment in VCL!
Similarly for negative ESD pulses, parasitic series inductance from the VN pin to the ground rail will lead to drastically
increased negative voltage on the line being protected.
As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of expected
electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to the VP pin of the Protection
Array as possible, with minimum PCB trace lengths to the power supply, ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also ON Semiconductor Application Note, “Design Considerations for ESD Protection”, in the Applications section.
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground
POSITIVE SUPPLY
PATH OF ESD CURRENT
PULSE (IESD)
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
CHANNEL
IMPUT
LINE BEING
PROTECTED
ONE
CHANNEL
D1
D2
C1
L1
GROUND RAIL
CHASSI‘S GROUND


Similar Part No. - CM1215-02SR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215-02SR CALMIRCO-CM1215-02SR Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results

Similar Description - CM1215-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com