Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM25SUEAH-GEVB Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0134CSSM25SUEAH-GEVB
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM25SUEAH-GEVB Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0134CSSM25SUEAH-GEVB Datasheet HTML 4Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 5Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 6Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 7Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 8Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 9Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 10Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 11Page - ON Semiconductor AR0134CSSM25SUEAH-GEVB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AR0134_DS Rev. G Pub. 6/15 EN
8
©Semiconductor Components Industries, LLC,2015.
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The AR0134 pixel array is configured as 1412 columns by 1028 rows, (see Figure 2). The
dark pixels are optically black and are used internally to monitor black level. Of the right
108 columns, 64 are dark pixels used for row noise correction. Of the top 24 rows of
pixels, 12 of the dark rows are used for black level correction. There are 1296 columns by
976 rows of optically active pixels. While the sensor's format is 1280 x 960, the additional
active columns and active rows are included for use when horizontal or vertical mirrored
readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The active area is surrounded with
optically transparent dummy pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 2:
Pixel Array Description
2 light dummy + 4 barrier + 24 dark + 4 barrier + 6 dark dummy
Dark pixel
Barrier pixel
Light dummy
pixel
Active pixel
2 light dummy + 4 barrier + 6 dark dummy
1412
2 light dummy + 4 barrier
2 light dummy + 4 barrier + 100 dark + 4 barrier
1028
1296 x 976 (1288 x 968 active)
4.86 x 3.66 mm2 (4.83 x 3.63 mm2)


Similar Part No. - AR0134CSSM25SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSM25SUEAH-GEVB ONSEMI-AR0134CSSM25SUEAH-GEVB Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
More results

Similar Description - AR0134CSSM25SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com