Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46V64M4FJ-6 Datasheet(PDF) 2 Page - Micron Technology

Part # MT46V64M4FJ-6
Description  DOUBLE DATA RATE DDR SDRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4FJ-6 Datasheet(HTML) 2 Page - Micron Technology

  MT46V64M4FJ-6 Datasheet HTML 1Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 2Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 3Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 4Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 5Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 6Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 7Page - Micron Technology MT46V64M4FJ-6 Datasheet HTML 8Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
256Mb: x4, x8, x16 DDR333 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mx4x8x16DDR333_B.p65 – Rev. B; Pub. 10/01
©2001, Micron Technology, Inc.
256Mb: x4, x8, x16
DDR333 SDRAM Addendum
PRELIMINARY
FBGA PACKAGE PINOUT
VSS
Q
DQ14
DQ12
DQ10
DQ8
VREF
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CK
A12
A11
A8
A6
A4
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CK#
CKE
A9
A7
A5
VSS
VDD
DQ2
DQ4
DQ6
LDQS
LDM
WE#
RAS#
BA1
A0
A2
VDD
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS#
CS#
BA0
A10
A1
A3
VDDQ
DQ1
DQ3
DQ5
DQ7
A13
x16 (Top View)
VSS
Q
NC
NC
NC
NC
VREF
NC
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CK
A12
A11
A8
A6
A4
VSS
DQ3
NC
DQ2
DQS
DM
CK#
CKE
A9
A7
A5
VSS
VDD
DQ0
NC
DQ1
NC
NC
WE#
RAS#
BA1
A0
A2
VDD
NC
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS#
CS#
BA0
A10
A1
A3
VDDQ
NC
NC
NC
NC
A13
x4 (Top View)
VSS
Q
NC
NC
NC
NC
VREF
DQ7
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CK
A12
A11
A8
A6
A4
VSS
DQ6
DQ5
DQ4
DQS
DM
CK#
CKE
A9
A7
A5
VSS
VDD
DQ1
DQ2
DQ3
NC
NC
WE#
RAS#
BA1
A0
A2
VDD
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS#
CS#
BA0
A10
A1
A3
VDDQ
NC
NC
NC
NC
A13
x8 (Top View)
12
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
12
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
12
3
4
5
6
7
8
9
L
A
B
C
D
E
F
G
H
J
K
M
L
A
B
C
D
E
F
G
H
J
K
M
FBGA PACKAGE MARKING
FBGA 60-BALL PACKAGE DIMENSION
Due to the physical size of the FBGA package, the full
ordering part number is not printed on the package.
Instead the following package code is utilized.
Top mark contains five fields
12345
• Field 1 (Product Family)
DRAM
D
DRAM - ES
Z
• Field 2 (Product Type)
2.5 Volt, DDR SDRAM, 60-ball
L
• Field 3 (Width)
x4 devices
B
x8 devices
C
x16 devices
D
• Field 4 (Density / Size)
256Mb
H
• Filed 5 (Speed Grade)
-6
J
-75Z
P
-75
F
-8
C
Example top mark for a MT46V32M4FJ-6: DLBFJ
1.20 MAX
MOLD COMPOUND: EPOXY NOVOLAC
SUBSTRATE: PLASTIC LAMINATE
SOLDER BALL MATERIAL: EUTECTIC 63% Sn, 37% Pb or
62% Sn, 36% Pb, 2%Ag
SOLDER BALL PAD: Ø .33mm
0.850 ±0.075
16.00 ±0.10
8.00 ±0.05
SEATING PLANE
C
0.10 C
BALL A1
BALL A9
PIN A1 ID
61X
∅0.45
SOLDER BALL DIAMETER
REFERS TO POST REFLOW
CONDITION. THE PRE-
REFLOW DIAMETER IS Ø 0.40
5.50 ±0.05
11.00
1.00
TYP
0.80 TYP
1.80
CTR
9 .00 ±0.10
3.20 ±0.05
4.50 ±0.05
6.40
CL
CL
Bottom View


Similar Part No. - MT46V64M4FJ-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
More results

Similar Description - MT46V64M4FJ-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com