Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor CS5111 Datasheet HTML 10Page - ON Semiconductor CS5111 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS5111
http://onsemi.com
7
Figure 8. Timing Diagram When WDI Fails to
Appear Within the Preset Time Interval, tWDI
RESET
VREG
WDI
VLIN
tPOR
AB
50% Duty
Cycle
A: Watchdog waiting for low–going transition on WDI
B: RESET stays low for tWDI time
The RESET signal frequency is given by:
fRESET +
1
2(tWDI)
The Power On Reset (POR) and low voltage RESET use
the same circuitry and issue a reset when the linear output
voltage is below the regulation limit. After VLIN rises above
the minimum specified value, RESET remains low for a
fixed period tPOR as shown in Figures 9 and 10.
Figure 9. The Power On Reset Time Interval (tPOR)
Begins When VLIN Rises Above 4.45 V (Typical)
RESET
VLIN
tPOR
4.45 V
4.25 V
VR(PEAK)
VR(LO)
Figure 10. RESET Signal Is Issued Whenever
VLIN Falls Below 4.25 V (Typical)
tPOR
RESET
5.0 V
5.0 V
4.25 V
VLIN
The POR delay (tPOR) is given by:
tPOR + 1.353
CDelayRBIAS
CURRENT MODE PWM SWITCHING CIRCUITRY
The current mode PWM switching voltage regulator
contains an error amplifier with selectable feedback inputs,
a current sense amplifier, an adjustable oscillator and a 1.4 A
output power switch with antisaturation control. The
switching regulator and external components, connected in
a boost configuration, are shown in Figure 11.
The switching regulator begins operation when VREG and
VIN are raised above 5 volts. VREG is required since the
switching supply’s control circuitry is powered through
VLIN. VIN supplies the base drive to the switcher output
transistor.
The output transistor turns on when the oscillator starts to
charge the capacitor on COSC. The output current will
develop a voltage drop across the internal sense resistor
(RS). This voltage drop produces a proportional voltage at
the output of the current sense amplifier, which is compared
to the output of the error amplifier. The error amplifier
generates an output voltage which is proportional to the
difference between the scaled down output boost voltage
(VFB1 or VFB2) and the internal bandgap voltage reference.
Once the current sense amplifier output exceeds the error
amplifier’s output voltage, the output transistor is turned off.
The energy stored in the inductor during the output
transistor on time is transferred to the load when the output
transistor is turned off. The output transistor is turned back
on at the next rising edge of the oscillator. On a cycle by
cycle basis, the current mode controller in a discontinuous
mode of operation charges the inductor to the appropriate
amount of energy, based on the energy demand of the load.
Figure 12 shows the typical current and voltage waveforms
for a boost supply operating in the discontinuous mode.
Notes:
1. Refer to Figure 5 to determine oscillator frequency.
2. The switching regulator can be disabled by providing
a logic high at the ENABLE input.
3. The boost output voltage can be controlled
dynamically by the feedback select input. If select is
open, VFB2 is selected. If select is low, then VFB1 is
selected.


Similar Part No. - CS5111

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111YDWF24 CHERRY-CS5111YDWF24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111YDWFR24 CHERRY-CS5111YDWFR24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com