Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor CS5111 Datasheet HTML 10Page - ON Semiconductor CS5111 Datasheet HTML 11Page - ON Semiconductor CS5111 Datasheet HTML 12Page - ON Semiconductor CS5111 Datasheet HTML 13Page - ON Semiconductor CS5111 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS5111
http://onsemi.com
10
fp + 1 (pRLOADCOUT)
(14)
and a zero due to the output capacitor’s ESR at:
fz + 1 (2pESR(COUT))
(15)
Since the error amplifier reference voltage is 1.25 V, the
output voltage must be divided down or attenuated before
being applied to the input of the error amplifier. The
feedback resistor divider attenuation is:
1.25 V
VOUT
The error amplifier in the CS5111 is an operational
transconductance amplifier (OTA), with a gain given by:
GOTA + gmZOUT
(16)
where:
gm
+ D
IOUT
DVIN
(17)
For the CS5111, gm = 2700
µA/V typical.
One possible error amplifier compensation scheme is
shown in Figure 14. This gives the error amplifier a gain plot
as shown in Figure 15.
For the error amplifier gain shown in Figure 15, a low
frequency pole is generated by the error amplifier output
impedance and C1. This is shown by the line AB with a
–20 dB/decade slope in Figure 15. The slope changes to zero
at point B due to the zero at:
fz + 1 (2pR4C1)
(18)
Figure 14. RC Network Used to Compensate
the Error Amplifier (OTA)
VOUT
VFB1
VFB2
R1
R2
R3
+
1.25 V
M
U
X
SELECT
Error
Amplifier
R4
C1
C2
A pole at point C:
fp + 1 (pR4C2)
(19)
offsets the zero set by the ESR of the output capacitors.
An alternative scheme uses a single capacitor as shown in
Figure 16, to roll the gain off at a relatively low frequency.
Step 9
Finally the watchdog timer period and Power on Reset
time is determined by:
tDelay + 1.353
CDelayRBIAS
(20)
Figure 15. Bode Plot of Error Amplifier (OTA) Gain and Modulator Gain Added to the Feedback
Resistor Divider Attenuation
G
–G
0
A
B
Pole due to error amplifier
output impedance and C1
fz = 1/(2πR4C1)
fp = 1/(πR4C2)
–20 dB/dec
error amplifier gain
+G
C
fCO
fp = 1/(πRLOADCOUT)
modulator gain +
feedback resistor divider attenuation
fz = 1/(2πESR(COUT))


Similar Part No. - CS5111

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111YDWF24 CHERRY-CS5111YDWF24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111YDWFR24 CHERRY-CS5111YDWFR24 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com