Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK10C-AT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # DSK10C-AT1
Description  1.0A Power Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DSK10C-AT1 Datasheet(HTML) 2 Page - ON Semiconductor

  DSK10C-AT1 Datasheet HTML 1Page - ON Semiconductor DSK10C-AT1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DSK10B, DSK10C, DSK10E
PS No. A2855-2/2
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
1.0
10
0
10
20
30
40
60
50
23
57
23
57
100
IFSM -- n
0
1.2
0
0.6
0.4
0.2
1.0
0.8
160
20
40
60
80
100
120
140
IO -- Ta
7
0.1
0.2
0.4
0.6
0.8
1.0
0
1.0
2
10
7
5
3
2
7
5
3
2
1.6
1.2
1.4
IF -- VF
IT03937
IT03939
Resistive,
inductive
load
50Hz
IT03938
Ambient Temperature, Ta -- °C
Forward Voltage, VF -- V
Number of Cycles, n
Capacitive
load


Similar Part No. - DSK10C-AT1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSK10C SANYO-DSK10C Datasheet
31Kb / 2P
   1.0A Power Rectifier
More results

Similar Description - DSK10C-AT1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
   1.0A Power Rectifier
DSK10 SANYO-DSK10_07 Datasheet
34Kb / 3P
   1.0A Power Rectifier
DSM10G_0609 SANYO-DSM10G_0609 Datasheet
62Kb / 3P
   1.0A Power Rectifier
DSF10T SANYO-DSF10T_08 Datasheet
44Kb / 3P
   1.0A Power Rectifier
DSK10E-BT SANYO-DSK10E-BT Datasheet
34Kb / 3P
   1.0A Power Rectifier
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
   1.0A Power Rectifier
DFH10T SANYO-DFH10T Datasheet
54Kb / 2P
   1.0A Power Rectifier
DSF10T SANYO-DSF10T Datasheet
47Kb / 2P
   1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
   1.0A Power Rectifier
Jan-2011, Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com