Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK10C-ET1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DSK10C-ET1
Description  1.0A Power Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DSK10C-ET1 Datasheet(HTML) 1 Page - ON Semiconductor

  DSK10C-ET1 Datasheet HTML 1Page - ON Semiconductor DSK10C-ET1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
/53098 HA(KT)/92995GI(KOTO)/D268TA,TS RC No. A2855-1/2
22414HK TC-00000832/82207TIIM/33103TSIM/91001GIIM
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
February, 2014
DSK10B,DSK10C, DSK10E
1.0A Power Rectifier
Features
Designed for 5mm-pitch automatic insertion
Small plastic molded structure (3mm body)
Peak reverse voltage : 100 to 400V
Average output current : 1.0A
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
DSK10B
DSK10C
DSK10E
Unit
Peak Reverse Voltage
VRM
100
200
400
V
Average Recitifiedd Current
IO
1.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1cycle
45
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--40 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Forward Voltage
VF
IF=1.0A
1.1
V
Reverse Current
IR
VR:At each VRM
10
mA
Ordering number : EN2855E
Package Dimensions
unit:mm(typ.)
Ordering Information
Device
Shipping
memo
DSK10B
500 Unit/Bag
Pb-Free
DSK10B-AT1
3,000 Unit/Box
DSK10B-BT
3,000 Unit/Box
DSK10C
500 Unit/Bag
DSK10C-AT1
3,000 Unit/Box
DSK10C-BT
3,000 Unit/Box
DSK10C-ET1
3,000 Unit/Box
DSK10E
500 Unit/Bag
DSK10E-AT1
3,000 Unit/Box
DSK10E-BT
3,000 Unit/Box
DSK10E-ET1
3,000 Unit/Box
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
1
2
cathode mark
1 : Cathode
2 : Anode
0.6
φ
20.0
20.0
3.0


Similar Part No. - DSK10C-ET1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSK10C SANYO-DSK10C Datasheet
31Kb / 2P
   1.0A Power Rectifier
More results

Similar Description - DSK10C-ET1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
   1.0A Power Rectifier
DSK10 SANYO-DSK10_07 Datasheet
34Kb / 3P
   1.0A Power Rectifier
DSM10G_0609 SANYO-DSM10G_0609 Datasheet
62Kb / 3P
   1.0A Power Rectifier
DSF10T SANYO-DSF10T_08 Datasheet
44Kb / 3P
   1.0A Power Rectifier
DSK10E-BT SANYO-DSK10E-BT Datasheet
34Kb / 3P
   1.0A Power Rectifier
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
   1.0A Power Rectifier
DFH10T SANYO-DFH10T Datasheet
54Kb / 2P
   1.0A Power Rectifier
DSF10T SANYO-DSF10T Datasheet
47Kb / 2P
   1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
   1.0A Power Rectifier
Jan-2011, Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com