Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC2M8A1 Datasheet(PDF) 1 Page - Micron Technology

Part # MT48LC2M8A1
Description  SYNCHRONOUS DRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M8A1 Datasheet(HTML) 1 Page - Micron Technology

  MT48LC2M8A1 Datasheet HTML 1Page - Micron Technology MT48LC2M8A1 Datasheet HTML 2Page - Micron Technology MT48LC2M8A1 Datasheet HTML 3Page - Micron Technology MT48LC2M8A1 Datasheet HTML 4Page - Micron Technology MT48LC2M8A1 Datasheet HTML 5Page - Micron Technology MT48LC2M8A1 Datasheet HTML 6Page - Micron Technology MT48LC2M8A1 Datasheet HTML 7Page - Micron Technology MT48LC2M8A1 Datasheet HTML 8Page - Micron Technology MT48LC2M8A1 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE SUBJECT TO CHANGE BY MICRON WITHOUT NOTICE.
1
16 Meg: x4, x8 SDRAM
©1998, Micron Technology, Inc.
16MSDRAMx4x8_B.p65 – Rev. 5/98
16 MEG: x4, x8
SDRAM
16Mb (x4/x8) SDRAM PART NUMBERS
PART NUMBER
ARCHITECTURE
MT48LC4M4A1TG S
4 Meg x 4 (tWR = 1 CLK)
MT48LC2M8A1TG S
2 Meg x 8 (tWR = 1 CLK)
4 MEG x 4
2 MEG x 8
Configuration
2 Meg x 4 x 2 banks 1 Meg x 8 x 2 banks
Refresh Count
4K
4K
Row Addressing
2K (A0-A10)
2K (A0-A10)
Bank Addressing
2 (BA)
1 (BA)
Column Addressing
1K (A0-A9)
512 (A0-A8)
FEATURES
• PC100-compliant; includes CONCURRENT AUTO
PRECHARGE
• Fully synchronous; all signals registered on positive
edge of system clock
• Internal pipelined operation; column address can be
changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8, or full page
• Auto Precharge and Auto Refresh Modes
• Self Refresh Mode
• 64ms, 4,096-cycle refresh
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
• Longer lead TSOP for improved reliability (OCPL*)
• One- and two-clock WRITE recovery (tWR) versions
OPTIONS
MARKING
• Configurations
4 Meg x 4 (2 Meg x 4 x 2 banks)
4M4
2 Meg x 8 (1 Meg x 8 x 2 banks)
2M8
• WRITE Recovery (tWR/tDPL)
tWR = 1 CLK
A1
tWR = 2 CLK (Contact factory for availability.)A2
• Plastic Package - OCPL*
44-pin TSOP (400 mil)
TG
• Timing (Cycle Time)
8ns; tAC = 6ns @ CL = 3
-8B
10ns; tAC = 9ns @ CL = 2
-10
NOTE: The 16Mb SDRAM base number differentiates the
offerings in two places: MT48LC2M8A1 S. The fourth
field distinguishes the architecture offering: 4M4
designates 4 Meg x 4, and 2M8 designates 2 Meg x 8.
The fifth field distinguishes the WRITE recovery
offering: A1 designates one CLK and A2 designates two
CLKs.
Part Number Example:
MT48LC2M8A1TG-10 S
PIN ASSIGNMENT (Top View)
44-Pin TSOP
VDD
DQ0
VssQ
DQ1
VDDQ
DQ2
VssQ
DQ3
VDDQ
NC
NC
WE#
CAS#
RAS#
CS#
BA
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
Vss
DQ7
VssQ
DQ6
VDDQ
DQ5
VssQ
DQ4
VDDQ
NC
NC
DQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
Vss
-
NC
-
DQ0
-
NC
-
DQ1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
NC
-
DQ3
-
NC
-
DQ2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
x4
x8
x8
x4
NOTE: The # symbol indicates signal is active LOW. A dash
(-) indicates x4 pin function is same as x8 pin
function.
SYNCHRONOUS
DRAM
MT48LC4M4A1/A2 S - 2 Meg x 4 x 2 banks
MT48LC2M8A1/A2 S - 1 Meg x 8 x 2 banks
For the latest data sheet revisions, please refer to the
Micron Web site: www.micron.com/datasheets.
KEY TIMING PARAMETERS
SPEED
CLOCK
ACCESS TIME
SETUP
HOLD
GRADE
FREQUENCY CL = 2** CL = 3**
TIME
TIME
-8B
125 MHz
6ns
2ns
1ns
-10
100 MHz
7.5ns
3ns
1ns
-8B
83 MHz
9ns
2ns
1ns
-10
66 MHz
9ns
3ns
1ns
* Off-center parting line
**CL = CAS (READ) latency


Similar Part No. - MT48LC2M8A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC2M32B2 MICRON-MT48LC2M32B2 Datasheet
1Mb / 53P
   SYNCHRONOUS DRAM
MT48LC2M32B2P-6A MICRON-MT48LC2M32B2P-6A Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
1Mb / 53P
   SYNCHRONOUS DRAM
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
More results

Similar Description - MT48LC2M8A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com