Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC1M16C3TG-6 Datasheet(PDF) 8 Page - Micron Technology

Part # MT4LC1M16C3TG-6
Description  FPM DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC1M16C3TG-6 Datasheet(HTML) 8 Page - Micron Technology

Back Button MT4LC1M16C3TG-6 Datasheet HTML 4Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 5Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 6Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 7Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 8Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 9Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 10Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 11Page - Micron Technology MT4LC1M16C3TG-6 Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
1 Meg x 16 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D51_5V_B.p65 – Rev. B; Pub 3/01
©2001, Micron Technology, Inc.
1 MEG x 16
FPM DRAM
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12; notes can be found on page 9); VCC (MIN)
≤ VCC ≤ VCC (MAX)
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
RAS# to WE# delay time
tRWD
67
79
ns
18
WRITE command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
WRITE command hold time
tWCH
8
10
ns
36
WRITE command hold time (referenced to RAS#)
tWCR
38
45
ns
WE# command setup time
tWCS
0
0
ns
18, 27
WRITE command pulse width
tWP
5
5
ns
WE# hold time (CBR Refresh)
tWRH
8
10
ns
WE# setup time (CBR Refresh)
tWRP
8
10
ns


Similar Part No. - MT4LC1M16C3TG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC1M16E5 MICRON-MT4LC1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-5 MICRON-MT4LC1M16E5DJ-5 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-5S MICRON-MT4LC1M16E5DJ-5S Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-6 MICRON-MT4LC1M16E5DJ-6 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-6S MICRON-MT4LC1M16E5DJ-6S Datasheet
385Kb / 24P
   EDO DRAM
More results

Similar Description - MT4LC1M16C3TG-6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
   BL FPM
logo
Advantech Co., Ltd.
UNO-PCM21 ADVANTECH-UNO-PCM21 Datasheet
83Kb / 1P
   UNO & FPM integration kit
logo
PHOENIX CONTACT
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
   Monitor - VL FPM 12U
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
   Monitor - VL FPM 19U
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
   Monitor - VL FPM 15
2913018 PHOENIX-2913018 Datasheet
49Kb / 2P
   Monitor - VL FPM 15U
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
   Monitor - BL FPM 21.5
logo
Advantech Co., Ltd.
UNO-PCM22 ADVANTECH-UNO-PCM22 Datasheet
83Kb / 1P
   UNO & FPM integration kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com