Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC1M16E5DJ-5 Datasheet(PDF) 4 Page - Micron Technology

Part # MT4LC1M16E5DJ-5
Description  EDO DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC1M16E5DJ-5 Datasheet(HTML) 4 Page - Micron Technology

  MT4LC1M16E5DJ-5 Datasheet HTML 1Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 2Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 3Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 4Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 5Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 6Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 7Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 8Page - Micron Technology MT4LC1M16E5DJ-5 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
1 Meg x 16 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D52_B.p65 – Rev. B; Pub. 3/01
©2001, Micron Technology, Inc
16Mb: 1 MEG x16
EDO DRAM
STORED
DATA
1
1
0
1
1
1
1
1
RAS#
CASL#
WE#
X = NOT EFFECTIVE (DON'T CARE)
ADDRESS 1
ADDRESS 0
0
1
0
1
0
0
0
0
WORD WRITE
LOWER BYTE WRITE
CASH#
INPUT
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
X
X
X
X
X
X
X
X
INPUT
DATA
1
1
0
1
1
1
1
1
INPUT
DATA
STORED
DATA
1
1
0
1
1
1
1
1
INPUT
DATA
STORED
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
STORED
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
X
X
X
X
X
X
X
X
1
0
1
0
1
1
1
1
UPPER BYTE
(DQ8-DQ15)
OF WORD
LOWER BYTE
(DQ0-DQ7)
OF WORD
Figure 3
WORD and BYTE WRITE Example
However, an EARLY WRITE on one byte and a LATE
WRITE on the other byte, after a CAS# precharge has
been satisfied, are permissible.
DRAM REFRESH
Preserve correct memory cell data by maintaining
power and executing any RAS# cycle (READ, WRITE) or
RAS# REFRESH cycle (RAS#-ONLY, CBR or HIDDEN)
so that all 1,024 combinations of RAS# addresses are
executed within tREF (MAX), regardless of sequence.
The CBR, EXTENDED and SELF REFRESH cycles will
invoke the internal refresh counter for automatic RAS#
addressing.
An optional self refresh mode is available on the “S”
version. The self refresh feature is initiated by per-
forming a CBR REFRESH cycle and holding RAS# LOW
for the specified tRASS. The “S” option allows the user
the choice of a fully static, low-power data retention
mode or a dynamic refresh mode at the extended re-
fresh period of 128ms, or 125µs per row, when using a
distributed CBR REFRESH. This refresh rate can be
applied during normal operation, as well as during a
standby or battery backup mode.
The self refresh mode is terminated by driving
RAS# HIGH for a minimum time of tRPS. This delay
allows for the completion of any internal refresh cycles
that may be in process at the time of the RAS# LOW-to-
HIGH transition. If the DRAM controller uses a distrib-
uted refresh sequence, a burst refresh is not required
upon exiting self refresh. However, if the DRAM con-
troller utilizes a RAS#-ONLY or burst refresh sequence,
all 1,024 rows must be refreshed within the average
internal refresh rate, prior to the resumption of normal
operation.
STANDBY
Returning RAS# and CAS# HIGH terminates a
memory cycle and decreases chip current to a reduced
standby level. The chip is preconditioned for the next
cycle during the RAS# HIGH time.


Similar Part No. - MT4LC1M16E5DJ-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC1M16C3DJ-6 MICRON-MT4LC1M16C3DJ-6 Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3DJ-6S MICRON-MT4LC1M16C3DJ-6S Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3TG-6 MICRON-MT4LC1M16C3TG-6 Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3TG-6S MICRON-MT4LC1M16C3TG-6S Datasheet
466Kb / 22P
   FPM DRAM
More results

Similar Description - MT4LC1M16E5DJ-5

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com