Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC4M16F5 Datasheet(PDF) 7 Page - Micron Technology

Part # MT4LC4M16F5
Description  DRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M16F5 Datasheet(HTML) 7 Page - Micron Technology

Back Button MT4LC4M16F5 Datasheet HTML 3Page - Micron Technology MT4LC4M16F5 Datasheet HTML 4Page - Micron Technology MT4LC4M16F5 Datasheet HTML 5Page - Micron Technology MT4LC4M16F5 Datasheet HTML 6Page - Micron Technology MT4LC4M16F5 Datasheet HTML 7Page - Micron Technology MT4LC4M16F5 Datasheet HTML 8Page - Micron Technology MT4LC4M16F5 Datasheet HTML 9Page - Micron Technology MT4LC4M16F5 Datasheet HTML 10Page - Micron Technology MT4LC4M16F5 Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
4 Meg x 16 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D28_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 16
FPM DRAM
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12, 13) (VCC = +3.3V ±0.3V)
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (FAST PAGE MODE)
tRASP
50
125,000
60
125,000
ns
Random READ or WRITE cycle time
tRC
90
110
ns
RAS# to CAS# delay time
tRCD
18
20
ns
14, 26
READ command hold time (referenced to CAS#)
tRCH
0
0
ns
16, 27
READ command setup time
tRCS
0
0
ns
26
Refresh period
tREF
64
64
ms
22
RAS# precharge time
tRP
30
40
ns
RAS# to CAS# precharge time
tRPC
0
0
ns
READ command hold time (referenced to RAS#)
tRRH
0
0
ns
16
RAS# hold time
tRSH
13
15
ns
35
READ-WRITE cycle time
tRWC
131
155
ns
RAS# to WE# delay time
tRWD
73
85
ns
18
WRITE command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
WRITE command hold time
tWCH
8
10
ns
35
WRITE command hold time (referenced to RAS#)
tWCR
40
45
ns
WE# command setup time
tWCS
0
0
ns
18, 26
WRITE command pulse width
tWP
8
10
ns
WE# hold time (CBR Refresh)
tWRH
10
10
ns
WE# setup time (CBR Refresh)
tWRP
10
10
ns


Similar Part No. - MT4LC4M16F5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M16N3TG-5 MICRON-MT4LC4M16N3TG-5 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16N3TG-5 MICRON-MT4LC4M16N3TG-5 Datasheet
474Kb / 24P
   DRAM
MT4LC4M16N3TG-5S MICRON-MT4LC4M16N3TG-5S Datasheet
413Kb / 24P
   DRAM
MT4LC4M16N3TG-5S MICRON-MT4LC4M16N3TG-5S Datasheet
474Kb / 24P
   DRAM
MT4LC4M16N3TG-6 MICRON-MT4LC4M16N3TG-6 Datasheet
413Kb / 24P
   DRAM
More results

Similar Description - MT4LC4M16F5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com