Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC16M4G3DJ-5 Datasheet(PDF) 6 Page - Micron Technology

Part # MT4LC16M4G3DJ-5
Description  DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC16M4G3DJ-5 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT4LC16M4G3DJ-5 Datasheet HTML 2Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 3Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 4Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 5Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 6Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 7Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 8Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 9Page - Micron Technology MT4LC16M4G3DJ-5 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
16 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D22_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
16 MEG x 4
EDO DRAM
ICC OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 2, 3, 5, 6) (VCC = +3.3V ±0.3V)
4K
8K
PARAMETER/CONDITION
SYMBOL
SPEED
REFRESH REFRESH UNITS NOTES
STANDBY CURRENT: TTL
ICC1
ALL
1
1
mA
(RAS# = CAS# = VIH)
STANDBY CURRENT: CMOS
(RAS# = CAS#
VCC - 0.2V; DQs may be left open;
ICC2
ALL
500
500
µA
Other inputs: VIN
VCC - 0.2V or VIN ≤ 0.2V)
OPERATING CURRENT: Random READ/WRITE
ICC3
-5
170
130
mA
25
Average power supply current
-6
160
120
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
OPERATING CURRENT: EDO PAGE MODE
ICC4
-5
150
150
mA
25
Average power supply current
-6
120
120
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
REFRESH CURRENT: RAS#-ONLY
ICC5
-5
170
130
mA
22
Average power supply current
-6
160
120
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
REFRESH CURRENT: CBR
ICC6
-5
160
160
mA
4, 7
Average power supply current
-6
150
150
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
REFRESH CURRENT: Extended (“S” version only)
Average power supply current: CAS# = 0.2V or CBR cycling;
ICC7
ALL
400
400
µA
4, 7
RAS# = tRAS (MIN); WE# = VCC - 0.2V; A0-A11, OE# and
DIN = VCC - 0.2V or 0.2V (DIN may be left open)
REFRESH CURRENT: Self (“S” version only)
Average power supply current: CBR with
RAS#
tRASS (MIN) and CAS# held LOW;
ICC8
ALL
400
400
µA
4, 7
WE# = VCC - 0.2V; A0-A11, OE# and DIN = VCC - 0.2V or 0.2V
(DIN may be left open)


Similar Part No. - MT4LC16M4G3DJ-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-5 MICRON-MT4LC16M4A7DJ-5 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-5S MICRON-MT4LC16M4A7DJ-5S Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-6 MICRON-MT4LC16M4A7DJ-6 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-6S MICRON-MT4LC16M4A7DJ-6S Datasheet
350Kb / 20P
   DRAM
More results

Similar Description - MT4LC16M4G3DJ-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com