Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC1M16E5TG-6 Datasheet(PDF) 2 Page - Micron Technology

Part # MT4LC1M16E5TG-6
Description  EDO DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC1M16E5TG-6 Datasheet(HTML) 2 Page - Micron Technology

  MT4LC1M16E5TG-6 Datasheet HTML 1Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 2Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 3Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 4Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 5Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 6Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 7Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 8Page - Micron Technology MT4LC1M16E5TG-6 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
1 Meg x 16 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D52_B.p65 – Rev. B; Pub. 3/01
©2001, Micron Technology, Inc
16Mb: 1 MEG x16
EDO DRAM
Figure 1
OE# Control of DQs
V
V
IH
IL
CASL#/CASH#
V
V
IH
IL
RAS#
V
V
IH
IL
ADDR
ROW
COLUMN (A)
COLUMN (B)
DON’T CARE
UNDEFINED
V
V
IH
IL
OE#
V
V
IOH
IOL
OPEN
DQ
tOD
VALID DATA (B)
VALID DATA (A)
COLUMN (C)
VALID DATA (A)
tOE
VALID DATA (C)
COLUMN (D)
VALID DATA (D)
tOD
tOEHC
tOD
tOEP
tOES
The DQs go back to
Low-Z if tOES is met.
The DQs remain High-Z
until the next CAS# cycle
if tOEHC is met.
The DQs remain High-Z
until the next CAS# cycle
if tOEP is met.
A logic HIGH on WE# dictates read mode, while a
logic LOW on WE# dictates write mode. During a WRITE
cycle, data-in (D) is latched by the falling edge of WE or
CAS# (CASL# or CASH#), whichever occurs last. An
EARLY WRITE occurs when WE is taken LOW prior to
either CAS# falling. A LATE WRITE or READ-MODIFY-
WRITE occurs when WE falls after CAS# (CASL# or
CASH#) was taken LOW. During EARLY WRITE cycles,
the data outputs (Q) will remain High-Z, regardless of
the state of OE#. During LATE WRITE or READ-
MODIFY-WRITE cycles, OE# must be taken HIGH to
disable the data outputs prior to applying input data.
If a LATE WRITE or READ-MODIFY-WRITE is attempted
while keeping OE# LOW, no WRITE will occur, and the
data outputs will drive read data from the accessed
location.
The 16 data inputs and 16 data outputs are routed
through 16 pins using common I/O. Pin direction is
controlled by OE# and WE#.
The 1 Meg x 16 DRAM must be refreshed periodi-
cally in order to retain stored data.
of the two signals results in a BYTE WRITE cycle. CASL#
transitioning LOW selects an access cycle for the lower
byte (DQ0-DQ7), and CASH# transitioning LOW se-
lects an access cycle for the upper byte (DQ8-DQ15).
Each bit is uniquely addressed through the 20 ad-
dress bits during READ or WRITE cycles. These are
entered 10 bits (A0-A9) at a time. RAS# is used to latch
the first 10 bits and CAS#, the latter 10 bits. The CAS#
function also determines whether the cycle will be a
refresh cycle (RAS# ONLY) or an active cycle (READ,
WRITE or READ-WRITE) once RAS# goes LOW.
The CASL# and CASH# inputs internally generate a
CAS# signal that functions like the single CAS# input
on other DRAMs. The key difference is each CAS# input
(CASL# and CASH#) controls its corresponding eight
DQ inputs during WRITE accesses. CASL# controls
DQ0-DQ7, and CASH# controls DQ8-DQ15. The two
CAS# controls give the 1 Meg x 16 both BYTE READ and
BYTE WRITE cycle capabilities.
GENERAL DESCRIPTION (continued)


Similar Part No. - MT4LC1M16E5TG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC1M16C3DJ-6 MICRON-MT4LC1M16C3DJ-6 Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3DJ-6S MICRON-MT4LC1M16C3DJ-6S Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3TG-6 MICRON-MT4LC1M16C3TG-6 Datasheet
466Kb / 22P
   FPM DRAM
MT4LC1M16C3TG-6S MICRON-MT4LC1M16C3TG-6S Datasheet
466Kb / 22P
   FPM DRAM
More results

Similar Description - MT4LC1M16E5TG-6

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com