Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC16M4G3TG-5S Datasheet(PDF) 7 Page - Micron Technology

Part # MT4LC16M4G3TG-5S
Description  DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC16M4G3TG-5S Datasheet(HTML) 7 Page - Micron Technology

Back Button MT4LC16M4G3TG-5S Datasheet HTML 3Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 4Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 5Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 6Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 7Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 8Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 9Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 10Page - Micron Technology MT4LC16M4G3TG-5S Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
16 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D22_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
16 MEG x 4
EDO DRAM
CAPACITANCE
(Note: 2)
PARAMETER
SYMBOL
MAX
UNITS
Input Capacitance: Address pins
CI1
5pF
Input Capacitance: RAS#, CAS#, WE#, OE#
CI2
7pF
Input/Output Capacitance: DQ
CIO
7pF
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) (VCC = +3.3V ±0.3V)
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column-address setup to CAS# precharge
tACH
12
15
ns
Column-address hold time (referenced to RAS#)
tAR
38
45
ns
Column-address setup time
tASC
0
0
ns
Row-address setup time
tASR
0
0
ns
Column address to WE# delay time
tAWD
42
49
ns
18
Access time from CAS#
tCAC
13
15
ns
Column-address hold time
tCAH
8
10
ns
CAS# pulse width
tCAS
8
10,000
10
10,000
ns
CAS# LOW to “Don’t Care” during Self Refresh
tCHD
15
15
ns
CAS# hold time (CBR Refresh)
tCHR
8
10
ns
4
CAS# to output in Low-Z
tCLZ
0
0
ns
Data output hold after CAS# LOW
tCOH
3
3
ns
CAS# precharge time
tCP
8
10
ns
13
Access time from CAS# precharge
tCPA
28
35
ns
CAS# to RAS# precharge time
tCRP
5
5
ns
CAS# hold time
tCSH
38
45
ns
CAS# setup time (CBR Refresh)
tCSR
5
5
ns
4
CAS# to WE# delay time
tCWD
28
35
ns
18
WRITE command to CAS# lead time
tCWL
8
10
ns
Data-in hold time
tDH
8
10
ns
19
Data-in setup time
tDS
0
0
ns
19
Output disable
tOD
0
12
0
15
ns
23, 24
Output enable time
tOE
12
15
ns
20
OE# hold time from WE# during
tOEH
8
10
ns
24
READ-MODIFY-WRITE cycle
OE# HIGH hold time from CAS# HIGH
tOEHC
5
10
ns
OE# HIGH pulse width
tOEP
5
5
ns
OE# LOW to CAS# HIGH setup time
tOES
4
5
ns
Output buffer turn-off delay
tOFF
0
12
0
15
ns
17, 23


Similar Part No. - MT4LC16M4G3TG-5S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-5 MICRON-MT4LC16M4A7DJ-5 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-5S MICRON-MT4LC16M4A7DJ-5S Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-6 MICRON-MT4LC16M4A7DJ-6 Datasheet
350Kb / 20P
   DRAM
MT4LC16M4A7DJ-6S MICRON-MT4LC16M4A7DJ-6S Datasheet
350Kb / 20P
   DRAM
More results

Similar Description - MT4LC16M4G3TG-5S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com