Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC32M4A2FB-7E Datasheet(PDF) 10 Page - Micron Technology

Part # MT48LC32M4A2FB-7E
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC32M4A2FB-7E Datasheet(HTML) 10 Page - Micron Technology

Back Button MT48LC32M4A2FB-7E Datasheet HTML 6Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 7Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 8Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 9Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 10Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 11Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 12Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 13Page - Micron Technology MT48LC32M4A2FB-7E Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
NOTE: 1. For full-page accesses: y = 2,048 (x4), y = 1,024
(x8), y = 512 (x16).
2. For a burst length of two, A1-A9, A11 (x4), A1-A9
(x8) or A1-A8 (x16) select the block-of-two burst;
A0 selects the starting column within the block.
3. For a burst length of four, A2-A9, A11 (x4), A2-A9
(x8) or A2-A8 (x16) select the block-of-four burst;
A0-A1 select the starting column within the block.
4. For a burst length of eight, A3-A9, A11 (x4), A3-
A9 (x8) or A3-A8 (x16) select the block-of-eight
burst; A0-A2 select the starting column within the
block.
5. For a full-page burst, the full row is selected and
A0-A9, A11 (x4), A0-A9 (x8) or A0-A8 (x16) select
the starting column.
6. Whenever a boundary of the block is reached
within a given sequence above, the following
access wraps within the block.
7. For a burst length of one, A0-A9, A11 (x4), A0-A9
(x8) or A0-A8 (x16) select the unique column to be
accessed, and mode register bit M3 is ignored.
Table 1
Burst Definition
Burst
Starting Column
Order of Accesses Within a Burst
Length
Address
Type = Sequential Type = Interleaved
A0
2
00-1
0-1
11-0
1-0
A1 A0
0
0
0-1-2-3
0-1-2-3
4
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
A2 A1 A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
8
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
n = A0-A11/9/8
Cn, Cn + 1, Cn + 2
Page
Cn + 3, Cn + 4...
Not Supported
(y)
(location 0-y)
…Cn - 1,
Cn…
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard Operation
All other states reserved
0
-
0
-
Defined
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
9
7
65
4
3
8
2
1
0
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
10
11
Reserved* WB
0
1
Write Burst Mode
Programmed Burst Length
Single Location Access
M9
*Should program
M11, M10 = “0, 0”
to ensure compatibility
with future devices.
Figure 1
Mode Register Definition
Burst Type
Accesses within a given burst may be programmed to
be either sequential or interleaved; this is referred to as
the burst type and is selected via bit M3.
The ordering of accesses within a burst is determined
by the burst length, the burst type and the starting col-
umn address, as shown in Table 1.


Similar Part No. - MT48LC32M4A2FB-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M4A2-1 MICRON-MT48LC32M4A2-1 Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC32M4A2FB-7E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com