Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC16M4A7TG-6 Datasheet(PDF) 4 Page - Micron Technology

Part # MT4LC16M4A7TG-6
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC16M4A7TG-6 Datasheet(HTML) 4 Page - Micron Technology

  MT4LC16M4A7TG-6 Datasheet HTML 1Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 2Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 3Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 4Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 5Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 6Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 7Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 8Page - Micron Technology MT4LC16M4A7TG-6 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
16 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D21_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
16 MEG x 4
FPM DRAM
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Relative to VSS ................ -1V to +4.6V
Voltage on NC, Inputs or I/O Pins
Relative to VSS ..................................... -1V to +4.6V
Operating Temperature, TA (ambient) ... 0°C to +70°C
Storage Temperature (plastic) ............ -55°C to +150°C
Power Dissipation ................................................... 1W
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(Notes: 1, 5, 6) (VCC = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS NOTES
SUPPLY VOLTAGE
VCC
3
3.6
V
INPUT HIGH VOLTAGE:
Valid Logic 1; All inputs, I/Os and any NC
VIH
2VCC + 0.3
V
26
INPUT LOW VOLTAGE:
Valid Logic 0; All inputs, I/Os and any NC
VIL
-0.3
0.8
V
26
INPUT LEAKAGE CURRENT:
Any input at VIN (0V
≤ VIN ≤ VCC + 0.3V);
II
-2
2
µA
All other pins not under test = 0V
OUTPUT HIGH VOLTAGE:
IOUT = -2mA
VOH
2.4–V
OUTPUT LOW VOLTAGE:
IOUT = 2mA
VOL
0.4
V
OUTPUT LEAKAGE CURRENT:
Any output at VOUT (0V
≤ VOUT ≤ VCC + 0.3V);
IOZ
-5
5
µA
DQ is disabled and in High-Z state


Similar Part No. - MT4LC16M4A7TG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5 MICRON-MT4LC16M4G3DJ-5 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5S MICRON-MT4LC16M4G3DJ-5S Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6 MICRON-MT4LC16M4G3DJ-6 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6S MICRON-MT4LC16M4G3DJ-6S Datasheet
386Kb / 22P
   DRAM
More results

Similar Description - MT4LC16M4A7TG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com