Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC4M4E9DJ Datasheet(PDF) 6 Page - Micron Technology

Part # MT4LC4M4E9DJ
Description  4 MEG x 4 EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E9DJ Datasheet(HTML) 6 Page - Micron Technology

Back Button MT4LC4M4E9DJ Datasheet HTML 2Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 3Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 4Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 5Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 6Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 7Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 8Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 9Page - Micron Technology MT4LC4M4E9DJ Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
6
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to VSS:
3.3V ................................................................ -1V to +4.6V
5V ...................................................................... -1V to +7V
Voltage on NC, Inputs or I/O Pins Relative to VSS:
3.3V ................................................................ -1V to +5.5V
5V ...................................................................... -1V to +7V
Operating Temperature, TA (ambient) .......... 0°C to +70°C
Storage Temperature (plastic) .................... -55
°C to +150°C
Power Dissipation ............................................................. 1W
Short Circuit Output Current ..................................... 50mA
*Stresses greater than those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(Notes: 1)
3.3V
5V
PARAMETER/CONDITION
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Supply Voltage
VCC
3.0
3.6
4.5
5.5
V
Input High Voltage:
Valid Logic 1; all inputs, I/Os and any NC
VIH
2.0
5.5
2.4
VCC +1
V
Input Low Voltage:
Valid Logic 0; all inputs, I/Os and any NC
VIL
-1.0
0.8
-0.5
0.8
V
Input Leakage Current:
Any input at VIN (0V
≤ VIN ≤ VIH [MAX]);
II
-2
2
-2
2
µA
4
all other pins not under test = 0V
Output High Voltage:
IOUT = -2mA (3.3V), -5mA (5V)
VOH
2.4
-
2.4
-
V
Output Low Voltage:
IOUT = 2mA (3.3V), 4.2mA (5V)
VOL
-
0.4
-
0.4
V
Output Leakage Current:
Any output at VOUT (0V
≤ VOUT ≤ 5.5V);
IOZ
-5
5
-5
5
µA
DQ is disabled and in High-Z state


Similar Part No. - MT4LC4M4E9DJ

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4A1 MICRON-MT4LC4M4A1 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1DJ-6 MICRON-MT4LC4M4A1DJ-6 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1DJ-6S MICRON-MT4LC4M4A1DJ-6S Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1TG-6 MICRON-MT4LC4M4A1TG-6 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
More results

Similar Description - MT4LC4M4E9DJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4C4007J MICRON-MT4C4007J Datasheet
992Kb / 14P
   1 MEG x 4 DRAM 5V, EDO PAGE MODE, OPTIONAL SELF REFRESH
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT9LD272A MICRON-MT9LD272A Datasheet
412Kb / 30P
   2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com