Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT55L512V18P Datasheet(PDF) 4 Page - Micron Technology

Part # MT55L512V18P
Description  8Mb ZBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT55L512V18P Datasheet(HTML) 4 Page - Micron Technology

  MT55L512V18P Datasheet HTML 1Page - Micron Technology MT55L512V18P Datasheet HTML 2Page - Micron Technology MT55L512V18P Datasheet HTML 3Page - Micron Technology MT55L512V18P Datasheet HTML 4Page - Micron Technology MT55L512V18P Datasheet HTML 5Page - Micron Technology MT55L512V18P Datasheet HTML 6Page - Micron Technology MT55L512V18P Datasheet HTML 7Page - Micron Technology MT55L512V18P Datasheet HTML 8Page - Micron Technology MT55L512V18P Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
8Mb: 512K x 18, 256K x 32/36 Pipelined ZBT SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT55L512L18P_2.p65 – Rev. 6/01
©2001, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED ZBT SRAM
PIN #
x18
x32
x36
51
NC
NF
DQPa
52
NC
DQa
DQa
53
NC
DQa
DQa
54
VDDQ
55
VSS
56
NC
DQa
DQa
57
NC
DQa
DQa
58
DQa
59
DQa
60
VSS
61
VDDQ
62
DQa
63
DQa
64
ZZ
65
VDD
66
VDD1
67
VSS
68
DQa
DQb
DQb
69
DQa
DQb
DQb
70
VDDQ
71
VSS
72
DQa
DQb
DQb
73
DQa
DQb
DQb
74
DQa
DQb
DQb
75
NC
DQb
DQb
PIN #
x18
x32
x36
76
VSS
77
VDDQ
78
NC
DQb
DQb
79
NC
DQb
DQb
80
SA
NF
DQPb
81
SA
82
SA
83
SA
84
NF2
85
ADV/LD#
86
OE# (G#)
87
CKE#
88
R/W#
89
CLK
90
VSS
91
VDD
92
CE2#
93
BWa#
94
BWb#
95
NC
BWc# BWc#
96
NC
BWd# BWd#
97
CE2
98
CE#
99
SA
100
SA
PIN #
x18
x32
x36
TQFP PIN ASSIGNMENT TABLE
26
VSS
27
VDDQ
28
NC
DQd
DQd
29
NC
DQd
DQd
30
NC
NF
DQPd
31
MODE (LBO#)
32
SA
33
SA
34
SA
35
SA
36
SA1
37
SA0
38
DNU
39
DNU
40
VSS
41
VDD
42
DNU
43
DNU
44
SA
45
SA
46
SA
47
SA
48
SA
49
SA
50
SA
PIN #
x18
x32
x36
1NC
NF
DQPc
2NC
DQc
DQc
3NC
DQc
DQc
4VDDQ
5VSS
6NC
DQc
DQc
7NC
DQc
DQc
8
DQb
DQc
DQc
9
DQb
DQc
DQc
10
VSS
11
VDDQ
12
DQb
DQc
DQc
13
DQb
DQc
DQc
14
VDD
15
VDD
16
VDD1
17
VSS
18
DQb
DQd
DQd
19
DQb
DQd
DQd
20
VDDQ
21
VSS
22
DQb
DQd
DQd
23
DQb
DQd
DQd
24
DQb
DQd
DQd
25
NC
DQd
DQd
NOTE: 1. Pins 16 and 66 do not have to be connected directly to VDD if the input voltage is
≥ VIH.
2. Pin 84 is reserved for expansion to 18Mb device.


Similar Part No. - MT55L512V18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512V18P MICRON-MT55L512V18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
More results

Similar Description - MT55L512V18P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
155Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com