Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4LC8M8B6TG-5 Datasheet(PDF) 1 Page - Micron Technology

Part # MT4LC8M8B6TG-5
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC8M8B6TG-5 Datasheet(HTML) 1 Page - Micron Technology

  MT4LC8M8B6TG-5 Datasheet HTML 1Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 2Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 3Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 4Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 5Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 6Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 7Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 8Page - Micron Technology MT4LC8M8B6TG-5 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
8 Meg x 8 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D19_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
8 MEG x 8
FPM DRAM
FEATURES
• Single +3.3V ±0.3V power supply
• Industry-standard x8 pinout, timing, functions,
and packages
• 13 row, 10 column addresses (E1) or
12 row, 11 column addresses (B6)
• High-performance CMOS silicon-gate process
• All inputs, outputs and clocks are LVTTL-
compatible
• FAST PAGE MODE (FPM) access
• 4,096-cycle CAS#-BEFORE-RAS# (CBR) REFRESH
distributed across 64ms
• Optional self refresh (S) for low-power data
retention
OPTIONS
MARKING
• Refresh Addressing
4,096 (4K) rows
B6
8,192 (8K) rows
E1
• Plastic Packages
32-pin SOJ (400 mil)
DJ
32-pin TSOP (400 mil)
TG
• Timing
50ns access
-5
60ns access
-6
• Refresh Rates
Standard Refresh (64ms period)
None
Self Refresh (128ms period)
S*
NOTE: 1. The 8 Meg x 8 FPM DRAM base number
differentiates the offerings in one place—
MT4LC8M8E1. The fifth field distinguishes
various options: E1 designates an 8K refresh and
B6 designates a 4K refresh for FPM DRAMs.
2. The # symbol indicates signal is active LOW.
*Contact factory for availability
Part Number Example:
MT4LC8M8E1DJ-5
DRAM
MT4LC8M8E1, MT4LC8M8B6
For the latest data sheet, please refer to the Micron Web
site: www.micron.com/products/datasheets/dramds.html
8 MEG x 8 FPM DRAM PART NUMBERS
REFRESH
PART NUMBER
ADDRESSING
PACKAGE REFRESH
MT4LC8M8E1DJ-x
8K
SOJ
Standard
MT4LC8M8E1DJ-x S
8K
SOJ
Self
MT4LC8M8E1TG-x
8K
TSOP
Standard
MT4LC8M8E1TG-x S
8K
TSOP
Self
MT4LC8M8B6DJ-x
4K
SOJ
Standard
MT4LC8M8B6DJ-x S
4K
SOJ
Self
MT4LC8M8B6TG-x
4K
TSOP
Standard
MT4LC8M8B6TG-x S
4K
TSOP
Self
x = speed
**A12 on E1 version, NC on B6 version
32-Pin TSOP
VCC
DQ0
DQ1
DQ2
DQ3
NC
VCC
WE#
RAS#
A0
A1
A2
A3
A4
A5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VSS
DQ7
DQ6
DQ5
DQ4
VSS
CAS#
OE#
NC/A12**
A11
A10
A9
A8
A7
A6
VSS
32-Pin SOJ
VCC
DQ0
DQ1
DQ2
DQ3
NC
VCC
WE#
RAS#
A0
A1
A2
A3
A4
A5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VSS
DQ7
DQ6
DQ5
DQ4
Vss
CAS#
OE#
NC/A12**
A11
A10
A9
A8
A7
A6
VSS
PIN ASSIGNMENT (Top View)
KEY TIMING PARAMETERS
SPEED
tRC
tRAC
tPC
tAA
tCAC
-5
90ns
50ns
30ns
25ns
13ns
-6
110ns
60ns
35ns
30ns
15ns
GENERAL DESCRIPTION
The 8 Meg x 8 DRAMs are high-speed CMOS, dy-
namic random-access memory devices containing
67,108,864 bits organized in a x8 configuration. The
8 Meg x 8 DRAMs are functionally organized as 8,388,608
locations containing eight bits each. The 8,388,608
memory locations are arranged in 8,192 rows by 1,024
columns for the MT4LC8M8E1 or 4,096 rows by 2,048
columns for the MT4LC8M8B6. During READ or WRITE
cycles, each location is uniquely addressed via the
address bits. First, the row address is latched by the


Similar Part No. - MT4LC8M8B6TG-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8C2DJ-5 MICRON-MT4LC8M8C2DJ-5 Datasheet
397Kb / 22P
   DRAM
MT4LC8M8C2DJ-6 MICRON-MT4LC8M8C2DJ-6 Datasheet
397Kb / 22P
   DRAM
MT4LC8M8C2TG-5 MICRON-MT4LC8M8C2TG-5 Datasheet
397Kb / 22P
   DRAM
MT4LC8M8C2TG-6 MICRON-MT4LC8M8C2TG-6 Datasheet
397Kb / 22P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
More results

Similar Description - MT4LC8M8B6TG-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com