Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4C4M4B1DJ-6S Datasheet(PDF) 2 Page - Micron Technology

Part # MT4C4M4B1DJ-6S
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4B1DJ-6S Datasheet(HTML) 2 Page - Micron Technology

  MT4C4M4B1DJ-6S Datasheet HTML 1Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 2Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 3Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 4Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 5Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 6Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 7Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 8Page - Micron Technology MT4C4M4B1DJ-6S Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
Additional columns may be accessed by providing valid
column addresses, strobing CAS# and holding RAS#
LOW, thus executing faster memory cycles. Returning
RAS# HIGH terminates the page mode of operation,
i.e., closes the page.
DRAM REFRESH
Preserve correct memory cell data by maintaining
power and executing any RAS# cycle (READ, WRITE)
or RAS# REFRESH cycle (RAS#-ONLY, CBR, or HID-
DEN) so that all combinations of RAS# addresses (2,048
for 2K and 4,096 for 4K) are executed within tREF
(MAX), regardless of sequence. The CBR and SELF
REFRESH cycles will invoke the internal refresh counter
for automatic RAS# addressing.
An optional self refresh mode is also available the
“S” version. The self refresh feature is initiated by
performing a CBR REFRESH cycle and holding RAS#
LOW for the specified tRASS. The “S” option allows the
user the choice of a fully static, low-power data reten-
tion mode or a dynamic refresh mode at the extended
refresh period of 128ms, or 31.25µs per row for a 4K
refresh and 62.5µs per row for a 2K refresh, when using
a distributed CBR REFRESH. This refresh rate can be
applied during normal operation, as well as during a
standby or battery backup mode.
The self refresh mode is terminated by driving RAS#
HIGH for a minimum time of tRPS. This delay allows for
the completion of any internal refresh cycles that may
be in process at the time of the RAS# LOW-to-HIGH
transition. If the DRAM controller uses a distributed
CBR refresh sequence, a burst refresh is not required
upon exiting self refresh. However, if the DRAM con-
troller utilizes RAS#-ONLY or burst CBR refresh se-
quence, all rows must be refreshed with a refresh rate of
tRC minimum prior to resuming normal operation.
STANDBY
Returning RAS# and CAS# HIGH terminates a
memory cycle and decreases chip current to a reduced
standby level. The chip is preconditioned for the next
cycle during the RAS# HIGH time.
GENERAL DESCRIPTION
The 4 Meg x 4 DRAM is a randomly accessed, solid-
state memory containing 16,777,216 bits organized in
a x4 configuration. RAS# is used to latch the row
address (first 11 bits for 2K and first 12 bits for 4K). Once
the page has been opened by RAS#, CAS# is used to latch
the column address (the latter 11 bits for 2K and the
latter 10 bits for 4K; address pins A10 and A11 are “Don’t
Care”).
READ and WRITE cycles are selected with the WE#
input. A logic HIGH on WE# dictates read mode, while
a logic LOW on WE# dictates write mode. During a
WRITE cycle, data-in (D) is latched by the falling edge
of WE# or CAS#, whichever occurs last. If WE# goes
LOW prior to CAS# going LOW, the output pins
remain open (High- Z) until the next CAS# cycle,
regardless of OE#.
A logic HIGH on WE# dictates read mode, while a
logic LOW on WE# dictates write mode. During a
WRITE cycle, data-in (D) is latched by the falling edge
of WE# or CAS#, whichever occurs last. An EARLY
WRITE occurs when WE# is taken LOW prior to CAS#
falling. A LATE WRITE or READ-MODIFY-WRITE
occurs when WE# falls after CAS# is taken LOW. During
EARLY WRITE cycles, the data outputs (Q) will remain
High-Z regardless of the state of OE#. During LATE
WRITE or READ-MODIFY-WRITE cycles, OE# must be
taken HIGH to disable the data outputs prior to
applying input data. If a LATE WRITE or READ-
MODIFY-WRITE is attempted while keeping OE# LOW,
no WRITE will occur, and the data outputs will drive
read data from the accessed location.
The four data inputs and the four data outputs are
routed through four pins using common I/O, and pin
direction is controlled by WE# and OE#.
The MT4LC4M4B1 and MT4LC4M4A1 must be
refreshed periodically in order to retain stored data.
FAST PAGE MODE ACCESS
Page operations allow faster data operations (READ,
WRITE or READ-MODIFY-WRITE) within a row-
address-defined page boundary. The page cycle is al-
ways initiated with a row address strobed in by RAS#,
followed by a column address strobed in by CAS#.


Similar Part No. - MT4C4M4B1DJ-6S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C4M4E8 MICRON-MT4C4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8DJ MICRON-MT4C4M4E8DJ Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8DJS MICRON-MT4C4M4E8DJS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8TG MICRON-MT4C4M4E8TG Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8TGS MICRON-MT4C4M4E8TGS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
More results

Similar Description - MT4C4M4B1DJ-6S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com