Electronic Components Datasheet Search |
|
MT4C4M4E8DJ Datasheet(PDF) 6 Page - Micron Technology |
|
MT4C4M4E8DJ Datasheet(HTML) 6 Page - Micron Technology |
6 / 23 page 4 Meg x 4 EDO DRAM Micron Technology, Inc., reserves the right to change products or specifications without notice. D47.pm5 – Rev. 3/97 ©1997, Micron Technology, Inc. 6 4 MEG x 4 EDO DRAM TECHNOLOGY, INC. ABSOLUTE MAXIMUM RATINGS* Voltage on VCC Pin Relative to VSS: 3.3V ................................................................ -1V to +4.6V 5V ...................................................................... -1V to +7V Voltage on NC, Inputs or I/O Pins Relative to VSS: 3.3V ................................................................ -1V to +5.5V 5V ...................................................................... -1V to +7V Operating Temperature, TA (ambient) .......... 0°C to +70°C Storage Temperature (plastic) .................... -55 °C to +150°C Power Dissipation ............................................................. 1W Short Circuit Output Current ..................................... 50mA *Stresses greater than those listed under “Absolute Maxi- mum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indi- cated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (Notes: 1) 3.3V 5V PARAMETER/CONDITION SYMBOL MIN MAX MIN MAX UNITS NOTES Supply Voltage VCC 3.0 3.6 4.5 5.5 V Input High Voltage: Valid Logic 1; all inputs, I/Os and any NC VIH 2.0 5.5 2.4 VCC +1 V Input Low Voltage: Valid Logic 0; all inputs, I/Os and any NC VIL -1.0 0.8 -0.5 0.8 V Input Leakage Current: Any input at VIN (0V ≤ VIN ≤ VIH [MAX]); II -2 2 -2 2 µA 4 all other pins not under test = 0V Output High Voltage: IOUT = -2mA (3.3V), -5mA (5V) VOH 2.4 - 2.4 - V Output Low Voltage: IOUT = 2mA (3.3V), 4.2mA (5V) VOL - 0.4 - 0.4 V Output Leakage Current: Any output at VOUT (0V ≤ VOUT ≤ 5.5V); IOZ -5 5 -5 5 µA DQ is disabled and in High-Z state |
Similar Part No. - MT4C4M4E8DJ |
|
Similar Description - MT4C4M4E8DJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |